Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL13FN Datasheet(PDF) 11 Page - ams AG

Part # TSL13FN
Description  Light-to-Voltage Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL13FN Datasheet(HTML) 11 Page - ams AG

Back Button TSL13FN Datasheet HTML 7Page - ams AG TSL13FN Datasheet HTML 8Page - ams AG TSL13FN Datasheet HTML 9Page - ams AG TSL13FN Datasheet HTML 10Page - ams AG TSL13FN Datasheet HTML 11Page - ams AG TSL13FN Datasheet HTML 12Page - ams AG TSL13FN Datasheet HTML 13Page - ams AG TSL13FN Datasheet HTML 14Page - ams AG TSL13FN Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ams Datasheet: 2014-Jun-04 [1-00]
TSL13FN – 11
Mechanical Da ta
Figure 18:
Six-lead Surface Mount FN Package Carrier Tape
Note(s) and/or Footnote(s):
1. All linear dimensions are in millimeters.
2. The dimensions in this drawing are for illustration purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing A0, B0 and K0 are defined in ANSI EIA standard 481-B 2001.
4. Each reel is 178 millimeters in diameter and contains 1000 parts.
5. ams packaging tape and reel conform to the requirements of EIA 481-B.
6. In accordance with EIA standard, the device pin1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
Mechanical Data
TSL13FN_Datasheet, Rev.: 1.0, TSL13FN_Datasheet_[1-00]_Light-To-Voltage Converters
Release Date: 2014-06-17, Key Contact: Matt Kroese



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com