Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL13FN Datasheet(PDF) 12 Page - ams AG

Part # TSL13FN
Description  Light-to-Voltage Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL13FN Datasheet(HTML) 12 Page - ams AG

Back Button TSL13FN Datasheet HTML 8Page - ams AG TSL13FN Datasheet HTML 9Page - ams AG TSL13FN Datasheet HTML 10Page - ams AG TSL13FN Datasheet HTML 11Page - ams AG TSL13FN Datasheet HTML 12Page - ams AG TSL13FN Datasheet HTML 13Page - ams AG TSL13FN Datasheet HTML 14Page - ams AG TSL13FN Datasheet HTML 15Page - ams AG TSL13FN Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TSL13FN – 12
ams Datasheet: 2014-Jun-04 [1-00]
S o ldering & St or age I n f o r m ation
Soldering Information
The reflow profile specified here describes expected maximum
heat exposure of devices during the solder reflow process of
the device on a PCB. Temperature is measured at the top of the
device. Devices should be limited to one pass through solder
reflow profile.
Figure 19:
Solder Reflow Profile
Figure 20:
Solder Reflow Graph
Note: Not to scale – for reference only.
Symbol
Parameter
TSL13FN
Average temperature gradient in preheating
2.5°C/sec
tsoak
Soak time
2 to 3 minutes
t1
Time above T1, 217°C
Max 60 sec
t2
Time above T2, 230°C
Max 50 sec
t3
Time above T3, (Tpeak - 10°C)
Max 10 sec
Tpeak
Peak temperature in reflow
260°C(-0°C/+5°C)
Temperature gradient in cooling
Max -5°C/sec
Soldering & Storage
Information
TSL13FN_Datasheet, Rev.: 1.0, TSL13FN_Datasheet_[1-00]_Light-To-Voltage Converters
Release Date: 2014-06-17, Key Contact: Matt Kroese



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com