Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9634 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 16Page - STMicroelectronics L9634 Datasheet HTML 17Page - STMicroelectronics L9634 Datasheet HTML 18Page - STMicroelectronics L9634 Datasheet HTML 19Page - STMicroelectronics L9634 Datasheet HTML 20Page - STMicroelectronics L9634 Datasheet HTML 21Page - STMicroelectronics L9634 Datasheet HTML 22Page - STMicroelectronics L9634 Datasheet HTML 23Page - STMicroelectronics L9634 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
L9634
20/36
4.16 High Side MOS Diagnostic
Upon detection of the following conditions, OSD turns the high side driver off and terminate the diagnostic
within the specified time, tPROP_DLY.
● VSQH is greater than SBth threshold voltage
● (VSQHx - VSQLx) is greater than VI_TH
● VSQL is less than SGth threshold voltage
Any of the above conditions are considered as a normal operation. Upon detection any of these conditions,
OSD does not set the high side driver fault bits.
On a single channel, high-side and low-side MOS diagnostics are completed within tDETECT. A high-side
MOS fault bit is only set when tDETECT is expired before any of the above conditions are detected. A fault
detection filter, tFLT_DLY, is provided to protect against short-transients on SQH and SQL pins. See Figure
20 for MOS test diagram.
4.17 Loss of Ground Diagnostic
Loss of ground is detected when the power ground of a deployment loop has a high impedance/open con-
nection to the ground. Each channel has a dedicated power ground and a dedicated loss of ground detec-
tion. Upon a detection of loss of ground condition, OSD inhibits a diagnostic and a deployment for the
respective channel. The rest of the channels are not affected by a loss of ground condition on the other
channels. A loss of ground condition does not affect a deployment or a pulse strech timer that is already
started.
A ground reference for OSD logic is connected to GND0 pin. When OSD detects a high impedance on this
ground reference, OSD will go in reset mode.
4.18 Serial Peripheral Interface (SPI)
The OSD contains a serial peripheral interface consisting of Serial Clock (SCLK), Serial Data Out (MISO),
Serial Data In (MOSI), and Chip Select (CS). This device is configured as an SPI slave.
Figure 21. SPI Block Diagram
4.19 Chip Select (CS)
The CS input selects OSD for serial data transfers. This TTL-compatible input has an internal pull-down
to command the de-asserted state should an open circuit condition occur When CS is asserted, the MISO
pin is released from tri-state mode, and all status information is latched in the SPI shift register. While CS
is asserted, register data is shifted in the MOSI pin and shifted out the MISO pin on each subsequent
SCLK. When CS is negated, the MISO pin is tri-stated and the fault register reloaded (latched) with the
current filtered status data.
To allow sufficient time to reload the fault registers; the CS pin must remain negated for at least tCSN. CS
must also be immune to spurious pulses as defined in the SPI Timing table (MISO may come out of tri-
state, but no status bits can be cleared and no control bits altered). Glitches on the CS line while SCLK is
not running will be ignored, although the MISO pin may be enabled. In each valid CS, OSD allows 16-bit
MISO
MSB
LSB
Control Bits
Status Bits
Input Shift Register
SCLK
MOSI
CS
Output Shift Register
cs
vdd
vss
30
µA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com