Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9634 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 28Page - STMicroelectronics L9634 Datasheet HTML 29Page - STMicroelectronics L9634 Datasheet HTML 30Page - STMicroelectronics L9634 Datasheet HTML 31Page - STMicroelectronics L9634 Datasheet HTML 32Page - STMicroelectronics L9634 Datasheet HTML 33Page - STMicroelectronics L9634 Datasheet HTML 34Page - STMicroelectronics L9634 Datasheet HTML 35Page - STMicroelectronics L9634 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
L9634
32/36
4.37 Command Mode Response
Command Mode Response defined as shown below.
Table 29. MISO Command Mode Response Definition
DEPEN status flag indicates the state of DEPEN pin.
ARMx status flag indicates the state of the respective ARMx signal, including the pulse stretch timer. If the
pulse stretch timer is initiated by a deployment command, it does not assert the ARMx status flag. This
flag is de/asserted as soon as the de-glitch timer is expired.
Deploy status flag indicates the SPI deployment status for the respective channel. These flags reflect bit
D7 through bit D0 of the most recent SPI command mode message. These bits do not include the status
of pulse stretch timer. These bits will be overwritten by the most recent SPI command mode message.
When DEPEN is negated, a valid deploy command is ignored and deploy status flag is not set.
4.38 SPI Fault Response
This SPI fault response indicates a fault in the last MOSI transmission. OSD uses the parity bit to deter-
mine the integrity of the MOSI command transmission.This response is defined as shown in table.
Table 30. MISO SPI Fault Response
Bit
State
Description
D15
0
Mode Bits
D14
1
D13
-
Don’t Care
D12
0
DEPEN Negated
1
DEPEN Asserted
D11
0
ARM67 Negated
1ARM67 Asserted
D10
0
ARM45 Negated
1ARM45 Asserted
D9
0
ARM23 Negated
1ARM23 Asserted
D8
0
ARM01 Negated
1ARM01 Asserted
D7
Deploy Channel 7 Status
D6
Deploy Channel 6 Status
D5
Deploy Channel 5 Status
D4
Deploy Channel 4 Status
D3
Deploy Channel 3 Status
D2
Deploy Channel 2 Status
D1
Deploy Channel 1 Status
D0
Deploy Channel 0 Status
Bit
State
Description
D15
1
Mode Bits
D14
0
D13 – D0
Don’t Care
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com