Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLSH Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # MLSH
Description  Hermetically sealed with no dry out
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLSH Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  MLSH Datasheet HTML 1Page - Cornell Dubilier Electronics MLSH Datasheet HTML 2Page - Cornell Dubilier Electronics MLSH Datasheet HTML 3Page - Cornell Dubilier Electronics MLSH Datasheet HTML 4Page - Cornell Dubilier Electronics MLSH Datasheet HTML 5Page - Cornell Dubilier Electronics MLSH Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part Numbering System
MLSH
322
M
200
JK
0
A
Type
Capacitance Tolerance Rated Voltage
Case Code
Insulation
Mounting Style
MLSH
322 =3200 µF
222 = 2200 µF
172 = 1700 µF
M=±20% 030 = 30 Vdc
075 = 75 Vdc
150 = 150 Vdc
200 = 200 Vdc
JK, L=1.5 in.
0 = bare can
1 = polyester
C = two leads/no tabs
Outline Drawing
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLSH 125 °C Hermetic Slimpack, Aluminum Electrolytic Capacitor
.50±.01
1.00±.01
1.50 MIN
1.50±.02
.015 MAX
Fill Hole Cover
.50 MAX
0.040DIA 18 AWG LEADS (TYP)
Note: The polyester tape wrap may add up to 0.020 inches to the thickness and width of the capacitor.
- Stainless steel case
- All dimensions are in inches
- Dimensions are for bare can, non-insulated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com