Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLSH Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # MLSH
Description  Hermetically sealed with no dry out
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLSH Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  MLSH Datasheet HTML 1Page - Cornell Dubilier Electronics MLSH Datasheet HTML 2Page - Cornell Dubilier Electronics MLSH Datasheet HTML 3Page - Cornell Dubilier Electronics MLSH Datasheet HTML 4Page - Cornell Dubilier Electronics MLSH Datasheet HTML 5Page - Cornell Dubilier Electronics MLSH Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Ratings
ESR max
Ripple (A)
Voltage
Cap
Catalog Part Number
Length
25 °C (Ω)
Case @ 85°C
(µF)
120 Hz 10 kHz 120 Hz 10 kHz
30 Vdc @ 125 °C
36 Vdc @ 105 °C
50 Vdc Surge @25 °C
3200
MLSH322M030JK0C
1.5
0.103
0.098
6.6
6.8
40 Vdc @ 125 °C
48 Vdc @ 105 °C
63 Vdc Surge @25 °C
2200
MLSH222M040JK0C
1.5
0.105
0.1
6.6
6.8
50 Vdc @ 125°C
60 Vdc @ 105°C
75 Vdc Surge @25°C
1700
MLSH172M050JK0C
1.5
0.108
0.101
6.6
6.8
60 Vdc @ 125°C
72 Vdc @ 105°C
90 Vdc Surge @25°C
1100
MLSH112M060JK0C
1.5
0.109
0.103
6.5
6.8
75 Vdc @ 125°C
90 Vdc @ 105°C
112 Vdc Surge @25°C
700
MLSH701M075JK0C
1.5
0.246
0.234
4.0
4.2
100 Vdc @ 125°C
120 Vdc @ 105°C
150 Vdc Surge @25°C
400
MLSH401M100JK0C
1.5
0.960
0.768
2.1
2.4
150 Vdc @ 125°C
180 Vdc @ 105°C
225 Vdc Surge @25°C
210
MLSH211M150JK0C
1.5
1.019
0.815
2.2
2.4
200 Vdc @ 125°C
250 Vdc @ 105°C
300 Vdc Surge @25°C
160
MLSH161M200JK0C
1.5
1.274
1.019
1.9
2.1
250 Vdc @ 125°C
275 Vdc @ 105°C
350 Vdc Surge @25°C
120
MLSH121M250JK0C
1.5
1.200
0.96
1.9
2.2
Type MLSH 125 °C Hermetic Slimpack, Aluminum Electrolytic Capacitor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com