Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA321MPL1TR Datasheet(PDF) 55 Page - STMicroelectronics

Part # STA321MPL1TR
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 51Page - STMicroelectronics STA321MPL1TR Datasheet HTML 52Page - STMicroelectronics STA321MPL1TR Datasheet HTML 53Page - STMicroelectronics STA321MPL1TR Datasheet HTML 54Page - STMicroelectronics STA321MPL1TR Datasheet HTML 55Page - STMicroelectronics STA321MPL1TR Datasheet HTML 56Page - STMicroelectronics STA321MPL1TR Datasheet HTML 57Page - STMicroelectronics STA321MPL1TR Datasheet HTML 58Page - STMicroelectronics STA321MPL1TR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
DocID029389 Rev 1
55/80
STA321MPL1
Configuration registers (0x77; 0x78; 0x79)
80
Where x represents the channel and y the biquad number. For example, C0H41 is the b2
coefficient in the fourth biquad for channel 2.
By default, all user-defined filters are pass-through where all coefficients are set to 0, except
the b0/2 coefficient which is set to 0x400000 (representing 0.5). Mix coefficients use only ±1
range.
A special feature inside the digital processing block is available (active when the nshen bit is
set to ‘1’). In the case where poles are positioned at very low frequencies, biquads filters can
generate some audible quantization noise or unwanted DC level. In order to avoid this kind
of effect a quantization noise-shaping capability can be used. The filter structure including
this special feature, relative to each biquad is shown in Figure 9.
The new feature can be enabled independently for each biquad using the I2C registers. The
D7 bit, when set, is responsible for activating this function on the crossover filter while the
other bits address any specific biquads according to the previous table. Channels 1 and 2
share the same settings. Bit D7 is effective also for channel 3 if the related OCFG is used.
Figure 9. Biquad filter structure with quantization error noise shaping
Figure 10. Channel mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com