Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA321MPL1TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA321MPL1TR
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 7Page - STMicroelectronics STA321MPL1TR Datasheet HTML 8Page - STMicroelectronics STA321MPL1TR Datasheet HTML 9Page - STMicroelectronics STA321MPL1TR Datasheet HTML 10Page - STMicroelectronics STA321MPL1TR Datasheet HTML 11Page - STMicroelectronics STA321MPL1TR Datasheet HTML 12Page - STMicroelectronics STA321MPL1TR Datasheet HTML 13Page - STMicroelectronics STA321MPL1TR Datasheet HTML 14Page - STMicroelectronics STA321MPL1TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
DocID029389 Rev 1
11/80
STA321MPL1
Electrical characteristics
80
2
Electrical characteristics
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Recommended operating conditions
Table 3. Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
VDD
3.3-V I/O power supply
-0.5
4
V
VSA
Voltage on SA pin (17)
-0.5
2
Vi
Voltage on input pins
-0.5
VDD + 0.5
Vo
Voltage on output pins
-0.5
VDD + 0.3
Tstg
Storage temperature
-40
150
°C
Tamb
Ambient operating temperature
-40
90
Table 4. Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rthj-amb
Thermal resistance, junction-to-ambient
85
°C/W
Table 5. Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDD
I/O power supply
3.0
3.3
3.6
V
VSA
Voltage on SA pin (17)
1.55
1.8
1.95
Tj
Operating junction temperature
-40
25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com