| Electronic Components Datasheet Search |
|
STA559BW Datasheet(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA559BW Datasheet(HTML) 56 Page - STMicroelectronics |
|
56 / 67 page ![]() Register description STA559BW 56/67 DocID18190 Rev 2 Writing a set of coefficients to RAM 1. Write 6-bits of starting address to I²C register 0x16. 2. Write top 8-bits of coefficient b1 in I²C address 0x17. 3. Write middle 8-bits of coefficient b1 in I²C address 0x18. 4. Write bottom 8-bits of coefficient b1 in I²C address 0x19. 5. Write top 8-bits of coefficient b2 in I²C address 0x1A. 6. Write middle 8-bits of coefficient b2 in I²C address 0x1B. 7. Write bottom 8-bits of coefficient b2 in I²C address 0x1C. 8. Write top 8-bits of coefficient a1 in I²C address 0x1D. 9. Write middle 8-bits of coefficient a1 in I²C address 0x1E. 10. Write bottom 8-bits of coefficient a1 in I²C address 0x1F. 11. Write top 8-bits of coefficient a2 in I²C address 0x20. 12. Write middle 8-bits of coefficient a2 in I²C address 0x21. 13. Write bottom 8-bits of coefficient a2 in I²C address 0x22. 14. Write top 8-bits of coefficient b0 in I²C address 0x23. 15. Write middle 8-bits of coefficient b0 in I²C address 0x24. 16. Write bottom 8-bits of coefficient b0 in I²C address 0x25. 17. Write 1 to WA bit in I²C address 0x26. The mechanism for writing a set of coefficients to RAM provides a method of updating the five coefficients corresponding to a given biquad (filter) simultaneously to avoid possible unpleasant acoustic side-effects. When using this technique, the 6-bit address specifies the address of the biquad b1 coefficient (for example, 0, 5, 10, 20, 35 decimal), and the STA559BW generates the RAM addresses as offsets from this base value to write the complete set of coefficient data. Table 71. RAM block for biquads, mixing, scaling, bass management Index (Decimal) Index (Hex) Description Coefficient Default 0 0x00 Channel 1 - Biquad 1 C1H10(b1/2) 0x000000 1 0x01 C1H11(b2) 0x000000 2 0x02 C1H12(a1/2) 0x000000 3 0x03 C1H13(a2) 0x000000 4 0x04 C1H14(b0/2) 0x400000 5 0x05 Channel 1 - Biquad 2 C1H20 0x000000 …… … … … 19 0x13 Channel 1 - Biquad 4 C1H44 0x400000 20 0x14 Channel 2 - Biquad 1 C2H10 0x000000 21 0x15 C2H11 0x000000 …… … … … 39 0x27 Channel 2 - Biquad 4 C2H44 0x400000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |