Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLVDS31B Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLVDS31B
Description  High speed differential line drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS31B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLVDS31B Datasheet HTML 3Page - STMicroelectronics STLVDS31B Datasheet HTML 4Page - STMicroelectronics STLVDS31B Datasheet HTML 5Page - STMicroelectronics STLVDS31B Datasheet HTML 6Page - STMicroelectronics STLVDS31B Datasheet HTML 7Page - STMicroelectronics STLVDS31B Datasheet HTML 8Page - STMicroelectronics STLVDS31B Datasheet HTML 9Page - STMicroelectronics STLVDS31B Datasheet HTML 10Page - STMicroelectronics STLVDS31B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STLVDS31B
Electrical characteristics
Doc ID 8338 Rev 6
7/15
Over recommended operating conditions unless otherwise noted. All typical values are at
TA = 25 °C, and VCC = 3.3 V.
Table 8.
Switching characteristics (1)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tPLH
Propagation delay time, low to high
output
RL = 100Ω, CL = 10pF
Figure 2
0.5
1.4
2
ns
tPHL
Propagation delay time, high to low
output
11.7
2.5
ns
tr
Differential output signal rise time
0.4
0.5
0.6
ns
tf
Differential output signal fall time
0.4
0.5
0.6
ns
tsk(P)
Pulse skew (|tTHL = tTLH|)
0.3
0.6
ns
tsk(O)
Channel to channel output skew (2)
00.3
ns
tPZH
Propagation delay time, high
impedance to high level output
Figure 4
5.4
15
ns
tPZL
Propagation delay time, high
impedance to low level output
2.5
15
ns
tPHZ
Propagation delay time, high level
to high impedance output
8.1
15
ns
tPLZ
Propagation delay time, low level
to high impedance output
7.3
15
ns
1.
RS-232 IN to TTL-CMOS OUT (from 50 % to 50 %).
2.
tsk(O) is the maximum delay time difference between drivers on the same device.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com