Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLVDS31B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLVDS31B
Description  High speed differential line drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS31B Datasheet(HTML) 1 Page - STMicroelectronics

  STLVDS31B Datasheet HTML 1Page - STMicroelectronics STLVDS31B Datasheet HTML 2Page - STMicroelectronics STLVDS31B Datasheet HTML 3Page - STMicroelectronics STLVDS31B Datasheet HTML 4Page - STMicroelectronics STLVDS31B Datasheet HTML 5Page - STMicroelectronics STLVDS31B Datasheet HTML 6Page - STMicroelectronics STLVDS31B Datasheet HTML 7Page - STMicroelectronics STLVDS31B Datasheet HTML 8Page - STMicroelectronics STLVDS31B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2009
Doc ID 8338 Rev 6
1/15
15
STLVDS31B
High speed differential line drivers
Features
■ Meets or exceeds the requirements of ANSI
TIA/EIA-644 standard
■ Low voltage differential signaling with typical
output voltage of 350 mV and a 100
Ω load
■ Typical output voltage rise and fall times of
750 ps (400 Mbps)
■ Typical propagation delay times of 1.7 ns
■ Operates from a single 3.3 V supply
■ Power dissipation 25 mW typical per driver at
200 MHz
■ Driver at high impedance when disabled or with
VCC = 0 V
■ Pin compatible with the AM26LS31,
SN65LVDS31
■ Low voltage TTL (LVTTL) logic input levels
Description
The STLVDS31B is a quad differential line drivers
that implements the electrical characteristics of
low voltage differential signaling (LVDS). This
signaling technique lowers the output voltage
levels of 5 V differential standard levels (such as
TIA/EIA-422B) to reduce the power, increase the
switching speeds and allows operations with a
3.3 V supply rail. Any of the four current mode
drivers will deliver a minimum differential output
voltage magnitude of 247 mV into a 100
Ω load
when enabled.
The intended application of this device and
signalling technique is for point-to-point baseband
data transmission over controlled
impedancemedia approximately 100
Ω. The
transmission media may be printed circuit board
traces, backplanes or cables. The ultimate rate
and distance of data transfer is dependent upon
the attenuation characteristics of the media and
noise coupling to the environment.
The STLVDS31B is characterized for operation
from - 55 °C to 125 °C.
TSSOP16
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STLVDS31BTR
- 40 to 85 °C
TSSOP16 (tape and reel)
2500 parts per reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STLVDS31B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS31BD STMICROELECTRONICS-STLVDS31BD Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31BDR STMICROELECTRONICS-STLVDS31BDR Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31BTR STMICROELECTRONICS-STLVDS31BTR Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31BTR STMICROELECTRONICS-STLVDS31BTR Datasheet
216Kb / 15P
High speed differential line drivers
28-Mar-2006
More results

Similar Description - STLVDS31B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS179 TI1-SN65LVDS179_16 Datasheet
1Mb / 50P
High-Speed Differential Line Drivers
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com