Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD13AS Datasheet(PDF) 1 Page - STMicroelectronics

Part # STOD13AS
Description  Synchronous rectification for both DC-DC converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AS Datasheet(HTML) 1 Page - STMicroelectronics

  STOD13AS Datasheet HTML 1Page - STMicroelectronics STOD13AS Datasheet HTML 2Page - STMicroelectronics STOD13AS Datasheet HTML 3Page - STMicroelectronics STOD13AS Datasheet HTML 4Page - STMicroelectronics STOD13AS Datasheet HTML 5Page - STMicroelectronics STOD13AS Datasheet HTML 6Page - STMicroelectronics STOD13AS Datasheet HTML 7Page - STMicroelectronics STOD13AS Datasheet HTML 8Page - STMicroelectronics STOD13AS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
January 2012
Doc ID 022733 Rev 1
1/25
25
STOD13AS
250 mA dual DC-DC converter
for powering AMOLED displays
Features
Step-up and inverter converters
Operating input voltage range from 2.5 V to
4.5 V
Synchronous rectification for both DC-DC
converters
Minimum 250 mA output current
4.6 V fixed positive output voltage
Programmable negative voltage by SWIRE from
-2.4 V to -6.4 V at 100 mV steps
Typical efficiency: 85%
Pulse skipping mode in light load condition
1.5 MHz PWM mode control switching
frequency
TDMA noise high immunity
Enable pin for shutdown mode
Low quiescent current in shutdown mode
Soft-start with inrush current protection
Overtemperature protection
Temperature range: -40 °C to 85 °C
True-shutdown mode
Fast discharge outputs of the circuits after
shutdown
Short-circuit protection
Package DFN12L (3 x 3 mm) 0.6 mm height
Applications
Active matrix AMOLED power supply in
portable devices
Cellular phones
Camcorders and digital still cameras
Multimedia players
Description
The STOD13AS is a dual DC-DC converter for
AMOLED display panels. It integrates a step-up
and an inverting DC-DC converter making it
particularly suitable for battery operated products,
in which the major concern is overall system
efficiency. It works in pulse skipping mode during
low load conditions and PWM-MODE at 1.5 MHz
frequency for medium/high load conditions. The
high frequency allows the value and size of
external components to be reduced. The Enable
pin allows the device to be turned off, therefore
reducing the current consumption to less than 1
µA. The negative output voltage can be
programmed by an MCU through a dedicated pin
which implements single-wire protocol. Soft-start
with controlled inrush current limit, thermal
shutdown, and short-circuit protection are
integrated functions of the device.
DFN12L (3 x 3 mm)
Table 1.
Device summary
Order code
Positive voltage
Negative voltage
Package
Packaging
STOD13ASTPUR
4.6V
-2.4V to -6.4V
DFN12L (3 x 3mm)
3000 parts per reel
www.st.com


Similar Part No. - STOD13AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD13A STMICROELECTRONICS-STOD13A Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD13AM STMICROELECTRONICS-STOD13AM Datasheet
755Kb / 25P
Step-up and inverter converters
02-Oct-2012
STOD13AMTPUR STMICROELECTRONICS-STOD13AMTPUR Datasheet
755Kb / 25P
Step-up and inverter converters
02-Oct-2012
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
More results

Similar Description - STOD13AS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8621EFV ROHM-BD8621EFV Datasheet
721Kb / 15P
Built-in 1ch FET Synchronous Rectification Type DC/DC converters
BD8627EFV ROHM-BD8627EFV Datasheet
624Kb / 13P
Built-in 1ch FET Synchronous Rectification Type DC/DC converters
BD8629FS ROHM-BD8629FS Datasheet
615Kb / 12P
Built-in 1ch FET Synchronous Rectification Type DC/DC converters
logo
International Rectifier
IRF7470TRPBF IRF-IRF7470TRPBF Datasheet
133Kb / 8P
High Frequency DC-DC Converters with Synchronous Rectification
IRF7456TRPBF IRF-IRF7456TRPBF Datasheet
211Kb / 8P
High Frequency DC-DC Converters with Synchronous Rectification
logo
Kersemi Electronic Co.,...
IRFR3704 KERSEMI-IRFR3704 Datasheet
816Kb / 9P
High Frequency DC-DC Isolated Converters with Synchronous Rectification
logo
International Rectifier
IRF7455PBF IRF-IRF7455PBF_15 Datasheet
1Mb / 8P
HIGH FREQUENCY DC-DC CONVERTERS WITH SYNCHRONOUS RECTIFICATION
IRF7456PBF IRF-IRF7456PBF_15 Datasheet
211Kb / 8P
High Frequency DC-DC Converters with Synchronous Rectification
IRF7470PBF IRF-IRF7470PBF_15 Datasheet
133Kb / 8P
High Frequency DC-DC Converters with Synchronous Rectification
logo
Guangdong Youtai Semico...
IRF7470TR UMW-IRF7470TR Datasheet
376Kb / 8P
High Frequency DC-DC Converters with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com