Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD13AS Datasheet(PDF) 10 Page - STMicroelectronics

Part # STOD13AS
Description  Synchronous rectification for both DC-DC converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STOD13AS Datasheet HTML 6Page - STMicroelectronics STOD13AS Datasheet HTML 7Page - STMicroelectronics STOD13AS Datasheet HTML 8Page - STMicroelectronics STOD13AS Datasheet HTML 9Page - STMicroelectronics STOD13AS Datasheet HTML 10Page - STMicroelectronics STOD13AS Datasheet HTML 11Page - STMicroelectronics STOD13AS Datasheet HTML 12Page - STMicroelectronics STOD13AS Datasheet HTML 13Page - STMicroelectronics STOD13AS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Electrical characteristics
STOD13AS
10/25
Doc ID 022733 Rev 1
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RDSONN2
N-channel static drain-source
ON resistance
VINA=VINP=3.7V,
ISW-N2=100mA
0.43
0.8
Ω
Thermal shutdown
OTP
Overtemperature protection
140
°C
OTPHYST
Overtemperature protection
hysteresis
15
°C
Discharge resistor
RDIS
Resistor value
No load, EN=SW=FD=Low
400
Ω
TDIS
Discharge time
No load, EN=SW=FD=Low,
VMID-VO2 at 10% of nominal
value
10
ms
1.
VINA,P = 4.2 to 3.7 V, 3.7 to 3.2 V, 3.4 to 2.9 V, f = 200 Hz; tON = 3.65 ms; tOFF = 1.25 ms; TR = TF = 10 µs, pulse signal.
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com