Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD13CM Datasheet(PDF) 1 Page - STMicroelectronics

Part # STOD13CM
Description  250 mA dual DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13CM Datasheet(HTML) 1 Page - STMicroelectronics

  STOD13CM Datasheet HTML 1Page - STMicroelectronics STOD13CM Datasheet HTML 2Page - STMicroelectronics STOD13CM Datasheet HTML 3Page - STMicroelectronics STOD13CM Datasheet HTML 4Page - STMicroelectronics STOD13CM Datasheet HTML 5Page - STMicroelectronics STOD13CM Datasheet HTML 6Page - STMicroelectronics STOD13CM Datasheet HTML 7Page - STMicroelectronics STOD13CM Datasheet HTML 8Page - STMicroelectronics STOD13CM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
January 2013
024087 Rev 1
1/25
25
STOD13CM
250 mA dual DC-DC converter
Datasheet
production data
Features
Step-up and inverting converters
Operating input voltage range from 2.5 V to
4.5 V
Synchronous rectification for both DC-DC
converters
Minimum 250 mA output current
4.6 V fixed positive output voltage
Programmable negative voltage by SWIRE from
- 1.4 V to - 4.4 V at 100 mV steps
Typical efficiency: 85%
Pulse-skipping mode in light load condition
1.5 MHz PWM mode control switching
frequency
High immunity to TDMA noise
Enable pin for shutdown mode
Low quiescent current in shutdown mode
Soft-start with inrush current protection
Overtemperature protection
Temperature range: -40 °C to 85 °C
True-shutdown mode
Fast circuit discharge outputs circuits after
shutdown
Short-circuit protection
Package DFN12L (3 x 3 mm) 0.6 mm height
Applications
Active matrix OLED power supply in portable
devices
Cellular phones
Camcorders and digital still cameras
Multimedia players
Description
The STOD13CM is a dual DC-DC converter for
AMOLED display panels. It integrates a step-up
and an inverting DC-DC converter making it
particularly suitable for battery operated products,
in which the major concern is overall system
efficiency. It works in pulse-skipping mode during
low load conditions and PWM-MODE at 1.5 MHz
frequency for medium/high load conditions. The
high frequency allows the value and size of
external components to be reduced. The Enable
pin allows the device to be turned off, thereby
reducing the current consumption to less than 1
µA. The negative output voltage can be
programmed by an MCU through a dedicated pin
which implements single-wire protocol. Soft-start
with controlled inrush current limit, thermal
shutdown, and short-circuit protection are
integrated functions of the device.
DFN12L (3 x 3 mm)
Table 1.
Device summary
Order code
Positive voltage
Negative voltage
Package
Packaging
STOD13CMTPUR
4.6 V
- 1.4 V to - 4.4 V
DFN12L (3 x 3 mm)
3000 parts per reel
www.st.com


Similar Part No. - STOD13CM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD1317B STMICROELECTRONICS-STOD1317B Datasheet
907Kb / 22P
Very high efficiency at light load thanks to pulse skipping operation
11-Apr-2013
STOD1317BTPUR STMICROELECTRONICS-STOD1317BTPUR Datasheet
907Kb / 22P
Very high efficiency at light load thanks to pulse skipping operation
11-Apr-2013
STOD13A STMICROELECTRONICS-STOD13A Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD13AM STMICROELECTRONICS-STOD13AM Datasheet
755Kb / 25P
Step-up and inverter converters
02-Oct-2012
STOD13AMTPUR STMICROELECTRONICS-STOD13AMTPUR Datasheet
755Kb / 25P
Step-up and inverter converters
02-Oct-2012
More results

Similar Description - STOD13CM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1410 ONSEMI-NCP1410 Datasheet
126Kb / 16P
250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
NCP1417 ONSEMI-NCP1417 Datasheet
128Kb / 16P
200 mA DC-DC Step-up Converter with Dual Low Battery Protection
April, 2002 ??Rev. 1
logo
AIMTEC
AME250-Z AIMTEC-AME250-Z Datasheet
252Kb / 2P
250 watt ac-dc converter
AMED250-Z AIMTEC-AMED250-Z Datasheet
250Kb / 2P
250 watt ac-dc converter
AMEU250-Z AIMTEC-AMEU250-Z Datasheet
254Kb / 2P
250 watt ac-dc converter
logo
ON Semiconductor
NCP1410 ONSEMI-NCP1410_05 Datasheet
132Kb / 14P
250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
January, 2005 ??Rev. 3
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
DUAL OUTPUT DC-DC CONVERTER
logo
STMicroelectronics
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
logo
Texas Instruments
0722 TI1-0722 Datasheet
180Kb / 10P
DUAL ISOLATED DC/DC CONVERTER
logo
STMicroelectronics
STOD14 STMICROELECTRONICS-STOD14 Datasheet
699Kb / 22P
700 mA dual DC-DC converter for powering AMOLED displays
16-Aug-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com