Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD13CM Datasheet(PDF) 18 Page - STMicroelectronics

Part # STOD13CM
Description  250 mA dual DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13CM Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STOD13CM Datasheet HTML 14Page - STMicroelectronics STOD13CM Datasheet HTML 15Page - STMicroelectronics STOD13CM Datasheet HTML 16Page - STMicroelectronics STOD13CM Datasheet HTML 17Page - STMicroelectronics STOD13CM Datasheet HTML 18Page - STMicroelectronics STOD13CM Datasheet HTML 19Page - STMicroelectronics STOD13CM Datasheet HTML 20Page - STMicroelectronics STOD13CM Datasheet HTML 21Page - STMicroelectronics STOD13CM Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Detailed description
STOD13CM
18/25
024087 Rev 1
7.13
SWIRE
Description
Protocol: to digitally communicate over a single cable with single wire components
3 components:
a)
an external MCU
b)
wiring and associated connectors
c)
STOD13CM device with a dedicated single-wire pin
SWIRE features and benefits
Fully digital signal
No handshake needed
Protection against glitches and spikes though an internal low-pass filter acting on both
rising and falling edges
Uses a single wire (plus analog ground) to accomplish both communication and power
control transmission
Simplify design with an interface protocol that supplies control and signaling over a
single-wire connection to set the output voltages
SWIRE protocol
Single-wire protocol uses conventional CMOS/TTL logic levels (maximum 0.6 V for
logic “zero” and a minimum 1.2 V for logic “one”) with operation specified over a supply
voltage range of 2.5 V to 4.5 V
Both master (MCU) and slave (STOD13CM) are configured to permit bit sequential
data to flow only in one direction at a time; Master initiates and controls the device
Data is bit-sequential with a START bit and a STOP bit
Signal is transferred in real time
System clock is not required; each SWIRE pulse is self-clocked by the oscillator
integrated in the master and is asserted valid within a frequency range of 250 kHz
(maximum).
SWIRE basic operation
The negative output voltage levels are selectable within a wide range (steps of 100 mV)
The device can be enabled / disabled via SWIRE in combination with the Enable pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com