Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD1317B Datasheet(PDF) 12 Page - STMicroelectronics

Part # STOD1317B
Description  Very high efficiency at light load thanks to pulse skipping operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1317B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STOD1317B Datasheet HTML 8Page - STMicroelectronics STOD1317B Datasheet HTML 9Page - STMicroelectronics STOD1317B Datasheet HTML 10Page - STMicroelectronics STOD1317B Datasheet HTML 11Page - STMicroelectronics STOD1317B Datasheet HTML 12Page - STMicroelectronics STOD1317B Datasheet HTML 13Page - STMicroelectronics STOD1317B Datasheet HTML 14Page - STMicroelectronics STOD1317B Datasheet HTML 15Page - STMicroelectronics STOD1317B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Detailed description
STOD1317B
12/22
DocID022607 Rev 2
6.2
Enable pin
The device operates when the EN pin is set high. If the EN pin is set low, the device stops
switching, all the internal blocks are turned off. In this condition the current drawn from VIN is
below 1 µA in the whole temperature range. In addition, the internal switches are in OFF
state so the load is electrically disconnected from the input, this avoids unwanted current
leakage from the input to the load.
6.3
Soft-start and inrush current limiting
After the EN pin is pulled high, or after a suitable voltage is applied to VIN and EN, the
device initiates the startup phase.
As a first step, the CMID capacitor is charged, the P1 switch implements a current limiting
technique in order to keep the charge current below 400 mA. This avoids battery
overloading during startup.
After VMID reaches the VIN voltage level, the P1 switch is fully turned on and the soft-start
procedure for the step-up is started. VOUT starts to softly increase until it reaches the
regulation value.
6.4
Undervoltage lockout
The undervoltage lockout function avoids improper operation of the STOD1317B when the
input voltage is not high enough. When the input voltage is below the UVLO threshold the
device is in shutdown mode. The hysteresis of 100 mV avoids unstable operation when the
input voltage is close to the UVLO threshold.
6.5
Overtemperature protection
An internal temperature sensor continuously monitors the IC junction temperature. If the IC
temperature exceeds 150 °C, typical, the device stops operating. As soon as the
temperature falls below 135 °C, typical, normal operation is restored.
6.6
Digital low power function
The digital low power (DLP) function allows physical disconnection of the load from the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com