Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD1317B Datasheet(PDF) 15 Page - STMicroelectronics

Part # STOD1317B
Description  Very high efficiency at light load thanks to pulse skipping operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1317B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STOD1317B Datasheet HTML 11Page - STMicroelectronics STOD1317B Datasheet HTML 12Page - STMicroelectronics STOD1317B Datasheet HTML 13Page - STMicroelectronics STOD1317B Datasheet HTML 14Page - STMicroelectronics STOD1317B Datasheet HTML 15Page - STMicroelectronics STOD1317B Datasheet HTML 16Page - STMicroelectronics STOD1317B Datasheet HTML 17Page - STMicroelectronics STOD1317B Datasheet HTML 18Page - STMicroelectronics STOD1317B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
DocID022607 Rev 2
15/22
STOD1317B
Application information
Figure 12. Ground schematic
Such isolation is necessary to prevent high-level switching currents from returning to the
battery, or other power supply, through the same ground-return path as the analog signals.
If that happens, the ground path of those sensitive signals is disturbed; the high-level
switching currents flowing through the ground's resistance and inductance cause the
voltage along the return path to vary.
In addition to the grounding scheme, proper placement of the regulator's components is
important.
Beginning a new layout, for the reasons above, it is necessary to firstly place the capacitors
CIN, COUT and CMID as close as possible to the related device pins.
After that, it is possible to place the inductors and the Power GND routing. Next, we can
trace the GND connected through vias to the PGND near to one of the main filter capacitors.
The LDO needs a quiet ground signal in order to operate properly.
It is important to pay close attention to the routing of traces from capacitor terminals in a
DC-DC converter circuit.
Large-valued low-ESR capacitors are expensive, and bad routings can cancel their
performance.
A good routing, on the other hand, can lower the output noise.
Ripple is directly related to the inductor value, the capacitor ESR, the switching frequency,
and so forth, but HF noise (spikes) depends on parasitic elements and the switching action.
In a bad routing, parasitic inductance associated with trace lengths causes problems:
In Figure 12, L1 brings about an increase in noise, and L2 limits the attenuation of an added
HF capacitor. The solution is to bring the input trace in on one side of the capacitor pad, and
the output trace out on the other side of the pad.
This track can be longer.
In fact we add here an inductor
that creates a second order filter
with the CoHF
CoHF
Via wich dives into
the ground plane
Via wich dives into
the power supply plane
L2
L1
We add here
an impedance
that lowers the
resonating
frequency of
CoHF
Do not !!
Vout
COUT
CoHF
COUT
GND
1/2 L3
1/2 L3
Vout
Do !!
Vout
Start from the
component pad and not
the incoming track
# V routing #:
the incoming and the outgoing
track are not connected to each
other but only to the capacitor pad
CO HF
L3
f
100 nF
100nF
100nF
30 nH
(1via)
10 nH
1 nH
3 MHz
5 MHz
16 MHz
Co HF resonating frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com