Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STR712FR1
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STR712FR1 Datasheet HTML 63Page - STMicroelectronics STR712FR1 Datasheet HTML 64Page - STMicroelectronics STR712FR1 Datasheet HTML 65Page - STMicroelectronics STR712FR1 Datasheet HTML 66Page - STMicroelectronics STR712FR1 Datasheet HTML 67Page - STMicroelectronics STR712FR1 Datasheet HTML 68Page - STMicroelectronics STR712FR1 Datasheet HTML 69Page - STMicroelectronics STR712FR1 Datasheet HTML 70Page - STMicroelectronics STR712FR1 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
STR71xFxx STR710RZ
Electrical parameters
Doc ID 10350 Rev 13
67/80
Data are based on characterisation and are not tested in production.
ADC Accuracy vs. Negative Injection Current
Injecting negative current on any of the standard (non-robust) analog input pins should be
avoided as this significantly reduces the accuracy of the conversion being performed on
another analog input. It is recommended to add a Schottky diode (pin to ground) to standard
analog pins which may potentially inject negative current. The effect of negative injection
current on robust pins is specified in Section 4.3.5.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in
Section 4.3.5 does not affect the ADC accuracy.
Table 41.
ADC accuracy with fPCLK2 = 20 MHz, fADC=10 MHz, AVDD=3.3 V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ADC_DATA(0V)
Converted code when AIN=0V 1)
2370
2565
Dec-
imal
code
ADC_DATA(2.5V) Converted code when AIN=2.5V 1)
1480
1680
VCM
Center voltage of Sigma-Delta
Modulator1)
1.23
1.25
1.30
V
TUE
Total unadjusted error
In this type of ADC, calibration is necessary to correct
gain error and offset errors. Once calibrated, the TUE is
limited to the ILE.
|ED|
Differential linearity error1)
1.96
2.19
LSB
|EL|
Integral linearity error 1)
2.36
3.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com