Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STR712FR1
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STR712FR1 Datasheet HTML 38Page - STMicroelectronics STR712FR1 Datasheet HTML 39Page - STMicroelectronics STR712FR1 Datasheet HTML 40Page - STMicroelectronics STR712FR1 Datasheet HTML 41Page - STMicroelectronics STR712FR1 Datasheet HTML 42Page - STMicroelectronics STR712FR1 Datasheet HTML 43Page - STMicroelectronics STR712FR1 Datasheet HTML 44Page - STMicroelectronics STR712FR1 Datasheet HTML 45Page - STMicroelectronics STR712FR1 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
Electrical parameters
STR71xFxx STR710RZ
42/80
Doc ID 10350 Rev 13
4.3.2
Clock and timing characteristics
External clock sources
Subject to general operating conditions for V33, and TA.
Notes:
1.
Data based on design simulation and/or technology characteristics, not tested in production.
Figure 14.
CK external clock source
Table 16.
CK external clock characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
External clock source
frequency
0
16.5
MHz
VCKH
CK input pin high level
voltage
0.7xV33
V33
V
VCKL
CK input pin low level
voltage
VSS
0.3xV33
tw(CK)
tw(CK)
CK high or low time 1)
25
ns
tr(CK)
tf(CK)
CK rise or fall time 1)
20
CIN(CK)
CK input capacitance1)
5pF
DuCy(XT1)
Duty cycle
40
60
%
IL
CK Input leakage current
VSS≤VIN≤V33
±1
μA
CK
fCLK
EXTERNAL
STR710
CLOCK SOURCE
VCKL
VCKH
tr(CK)
tf(CK)
tw(CKH)
tw(CKL)
IL
90%
10%
TCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com