Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STR712FR2
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STR712FR2 Datasheet HTML 33Page - STMicroelectronics STR712FR2 Datasheet HTML 34Page - STMicroelectronics STR712FR2 Datasheet HTML 35Page - STMicroelectronics STR712FR2 Datasheet HTML 36Page - STMicroelectronics STR712FR2 Datasheet HTML 37Page - STMicroelectronics STR712FR2 Datasheet HTML 38Page - STMicroelectronics STR712FR2 Datasheet HTML 39Page - STMicroelectronics STR712FR2 Datasheet HTML 40Page - STMicroelectronics STR712FR2 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
STR71xFxx STR710RZ
Electrical parameters
Doc ID 10350 Rev 13
37/80
4.3
Operating conditions
Subject to general operating conditions for V33, and TA.
1.
Data guaranteed by characterization, not tested in production
Table 11.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fMCLK
Internal CPU Clock
frequency
Accessing SRAM or external
memory with 0 wait states
0
66
MHz
Accessing FLASH in burst
mode
050
Executing from FLASH with
RWW
0
45 1)
Accessing FLASH with 0 wait
states
033
fPCLK
Internal APB Clock
frequency
0
33
MHz
V33
Standard Operating Voltage
(includes V33I0_PLL)
3.0
3.6
V
V18BKP
Backup Operating Voltage
1.4
1.8
V
TA
Ambient temperature range 6 Partnumber Suffix
-40
85
°C
Table 12.
Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tV33
V33 rise time rate
Subject to general
operating conditions for
TA.
20
μs/V
20
ms/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com