Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STR712FR2
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STR712FR2 Datasheet HTML 39Page - STMicroelectronics STR712FR2 Datasheet HTML 40Page - STMicroelectronics STR712FR2 Datasheet HTML 41Page - STMicroelectronics STR712FR2 Datasheet HTML 42Page - STMicroelectronics STR712FR2 Datasheet HTML 43Page - STMicroelectronics STR712FR2 Datasheet HTML 44Page - STMicroelectronics STR712FR2 Datasheet HTML 45Page - STMicroelectronics STR712FR2 Datasheet HTML 46Page - STMicroelectronics STR712FR2 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
STR71xFxx STR710RZ
Electrical parameters
Doc ID 10350 Rev 13
43/80
Notes:
1.
Data based on design simulation and/or technology characteristics, not tested in production.
Table 17.
RTCXT1 external clock characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRTCXT1
External clock source
frequency
0
500
kHz
VRTCXT1H
RTCXT1 input pin high level
voltage
0.7xV33
V33
V
VRTCXT1L
RTCXT1 input pin low level
voltage
VSS
0.3xV33
tw(RTCXT1)
tw(RTCXT1)
RTCXT1 high or low time 1)
100
ns
tr(RTCXT1)
tf(RTCXT1)
RTCXT1 rise or fall time 1)
5
CIN(RTCXT1)
RTCXT1 input
capacitance1)
5pF
DuCy(RTCXT1)
Duty cycle
30
70
%
IL
RTCXT1 Input leakage
current
VSS≤VIN≤V33
±1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com