Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-HSD03F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF06-HSD03F3
Description  EMI filter with integrated ESD protection for micro-SD Card?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-HSD03F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF06-HSD03F3 Datasheet HTML 1Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 2Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
October 2016
DocID025248 Rev 4
1/10
10
EMIF06-HSD03F3
EMI filter with integrated ESD protection for micro-SD Card™
Datasheet
production data
Figure 1. Pin configuration (bump side)
Figure 2. Functional schematic
Features
 Very low line capacitance to compensate long
PCB tracks (2.5 pF typ.)
 High efficiency in ESD suppression up to 18 kV
(IEC 61000-4-2)
 Very low PCB space consumption:
– 1.1 x 2.4 mm
 Ultralow leakage current: 20 nA max.
 Very thin package: 0.605 mm
 Smart pinout for easier PCB layout
 High reduction of parasitic elements through
integration and wafer level packaging
 Lead-free package
 Complies with the following standards:
– IEC 61000-4-2 level 4:±15 kV (air
discharge), ±8 kV (contact discharge)
Application
 SD3.0, UHS-1 SDR104 (208 MHz)
Description
The EMIF06-HSD03F3 chip is a highly integrated
device designed to suppress EMI/RFI noise for
interface line filtering.
The EMIF06-HSD03F3 Flip-Chip packaging
means the package size is equal to the die size.
That’s why EMIF06-HSD03F3 is a very small
device. Additionally, this filter includes ESD
protection circuitry, which prevents damage to the
protected device when subjected to ESD surges
up 18 kV.
Flip- hip package
C
(
bumps)
17
Ix
Ox
R = 1
Ω
L
1 nH
=
CLINE = 2.5 pF
DET
VCC
www.st.com


Similar Part No. - EMIF06-HSD03F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-HSD04F3 STMICROELECTRONICS-EMIF06-HSD04F3 Datasheet
546Kb / 8P
Very low PCB space consumption
November 2014 Rev 1
More results

Similar Description - EMIF06-HSD03F3

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1423 CALMIRCO-CM1423 Datasheet
603Kb / 10P
Secure Digital (SD) Card EMI Filter Array with ESD Protection
logo
STMicroelectronics
EMIF06-SD02F3 STMICROELECTRONICS-EMIF06-SD02F3 Datasheet
61Kb / 3P
6 line EMI filter and ESD protection for SD card
06-Mar-2007
logo
ON Semiconductor
CM1423 ONSEMI-CM1423 Datasheet
482Kb / 14P
Secure Digital (SD) Card EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
Infineon Technologies A...
BGF117 INFINEON-BGF117 Datasheet
721Kb / 8P
High-Speed Mini-/Micro-SD Card ESD Protection and EMI Filter
V2.0, January 2010
logo
NXP Semiconductors
IP4855CX25 NXP-IP4855CX25 Datasheet
245Kb / 29P
SD 3.0-compliant memory card integrated voltage level translator with EMI filter and ESD protection
Rev. 1-13 September 2012
logo
STMicroelectronics
EMIF06-SD03F3 STMICROELECTRONICS-EMIF06-SD03F3 Datasheet
517Kb / 23P
6-line IPAD?? EMI filter and ESD protection for SD card
11-Feb-2010
EMIF06-USD05F3 STMICROELECTRONICS-EMIF06-USD05F3 Datasheet
337Kb / 8P
6-line EMI filter and ESD protection for SD card, mini-SD card and micro-SD card interfaces
25-Apr-2014
logo
NXP Semiconductors
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com