Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA8V2-1J Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA8V2-1J
Description  EOS and ESD Transil™ protection for charger and battery port
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA8V2-1J Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA8V2-1J Datasheet HTML 1Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 2Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 3Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 4Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 5Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 6Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
August 2009
Doc ID 15646 Rev 1
1/7
7
ESDA8V2-1J
EOS and ESD Transil™ protection for charger and battery port
Features
■ Breakdown voltage VBR = 8.2 V
■ Unidirectional device
■ High peak power dissipation: 500 W
(8/20 µs waveform)
■ ESD protection level better than
IEC 61000-4-2, level 4:
30 kV contact discharge
■ Low leakage current (< 0.5 µA @ 5 V)
Benefits
■ High EOS and ESD protection level
■ High integration
■ Suitable for high density boards
Complies with the following standards:
■ IEC 61000-4-2 level 4
– ±15 kV (air discharge)
– ±8 kV (contact discharge)
■ MIL STD 883G - Method 3015-7: class 3B
– HBM (human body model):
≥8kV
Applications
This product is particularly recommended for the
protection of power supply lines of portable
devices, where EOS and ESD transient
overvoltage protection in sensitive equipment is
required, such as:
■ Computers
■ Printers
■ Communication systems
■ Cellular phone handsets and accessories
■ Video equipment
Figure 1.
Functional diagram (top view)
Description
The ESDA8V2-1J is a unidirectional single line
Transil diode designed specifically for the
protection of integrated circuits in portable
equipment and miniaturized electonic devices
subject to EOS and ESD transient overvoltages.
TM: Transil is a trademark of STMicroelectronics
K
A
SOD-323
www.st.com


Similar Part No. - ESDA8V2-1J

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
ESDA8V2-1J UMW-ESDA8V2-1J Datasheet
316Kb / 5P
High EOS and ESD protection level
More results

Similar Description - ESDA8V2-1J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA8V2-1MX2 STMICROELECTRONICS-ESDA8V2-1MX2 Datasheet
254Kb / 10P
EOS and ESD Transil protection for charger and battery port
27-Aug-2008
ESDA18-1K STMICROELECTRONICS-ESDA18-1K Datasheet
168Kb / 10P
EOS and ESD Transil protection for charger and battery port
02-Sep-2010
ESDA-1K STMICROELECTRONICS-ESDA-1K Datasheet
167Kb / 10P
EOS and ESD Transil™ protection for charger and battery port
02-Sep-2010
ESDCAN0X-2BWY STMICROELECTRONICS-ESDCAN0X-2BWY Datasheet
378Kb / 8P
Dual-line ESD and EOS protection
December 2016 Rev 4
logo
Semtech Corporation
RCLAMP3521ZA SEMTECH-RCLAMP3521ZA Datasheet
1Mb / 8P
Low Capacitance ESD and EOS Protection
UCLAMP2492SQ SEMTECH-UCLAMP2492SQ Datasheet
815Kb / 8P
24V ESD and EOS Protection for Automotive Applications
UCLAMP2424PWQ SEMTECH-UCLAMP2424PWQ Datasheet
735Kb / 8P
24V ESD and EOS Protection for Automotive Applications
Rev 2.2 4/25/2022
UCLAMP2482PWQ SEMTECH-UCLAMP2482PWQ Datasheet
829Kb / 10P
24V ESD and EOS Protection for 2-Line Automotive Applications
logo
STMicroelectronics
ESDA37W STMICROELECTRONICS-ESDA37W Datasheet
218Kb / 10P
Dual Transil™ array for ESD protection
18-Dec-2017
logo
Guangdong Youtai Semico...
ESDA8V2-1J UMW-ESDA8V2-1J Datasheet
316Kb / 5P
High EOS and ESD protection level
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com