Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC14V2-2BP5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC14V2-2BP5
Description  Low capacitance TRANSIL™ array for ESD protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC14V2-2BP5 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC14V2-2BP5 Datasheet HTML 1Page - STMicroelectronics ESDALC14V2-2BP5 Datasheet HTML 2Page - STMicroelectronics ESDALC14V2-2BP5 Datasheet HTML 3Page - STMicroelectronics ESDALC14V2-2BP5 Datasheet HTML 4Page - STMicroelectronics ESDALC14V2-2BP5 Datasheet HTML 5Page - STMicroelectronics ESDALC14V2-2BP5 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ESDALC14V2-2BP5 / ESDALC25-2BP5
1 Characteristics
3/6
Figure 1.
Peak pulse power versus initial
junction temperature
Figure 2.
Peak pulse power versus
exponential pulse duration
Figure 3.
Clamping voltage versus peak pulse
current (maximum values,
rectangular waveform)
Figure 4.
Junction capacitance versus
reverse applied voltage (typical
values)
Figure 5.
Relative variation of leakage current
versus junction temperature
(typical values)
Figure 6.
ESD response to IEC61000-4-2 (air
discharge 15kV, positive surge)
Ppp[Tj initial] / Ppp [Tj initial = 25 °C]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
Tj(°C)
Ppp(W)
1
10
100
T
j initial = 25°C
ESDALC14V2-2BP5
ESDALC25-2BP5
tp(µs)
Ipp(A)
0.1
1.0
10.0
100.0
0
10
20304050
607080
t
p=2.5µs
T
j initial =25°C
ESDALC14V2-2BP5
ESDALC25-2BP5
Vcl(V)
C(pF)
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
0
2
4
6
8
10
12
14
16
18
20
22
24
F=1MHz
Vosc=30mV
RMS
Tj=25°C
ESDALC14V2-2BP5
ESDALC25-2BP5
V(V)
line
IR [Tj] / IR [Tj=25°C]
1
10
100
25
50
75
100
125
150
ESDALC14V2-2BP5
ESDALC25-2BP5
Tj(°C)
V(i/o)
ESDALC14V2-2BP5
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com