Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5079 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF5079
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF5079 Datasheet HTML 12Page - NXP Semiconductors PCF5079 Datasheet HTML 13Page - NXP Semiconductors PCF5079 Datasheet HTML 14Page - NXP Semiconductors PCF5079 Datasheet HTML 15Page - NXP Semiconductors PCF5079 Datasheet HTML 16Page - NXP Semiconductors PCF5079 Datasheet HTML 17Page - NXP Semiconductors PCF5079 Datasheet HTML 18Page - NXP Semiconductors PCF5079 Datasheet HTML 19Page - NXP Semiconductors PCF5079 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
2001 Nov 21
16
Philips Semiconductors
Product specification
Dual-band power amplifier controller for
GSM, PCN and DCS
PCF5079
handbook, full pagewidth
R2
1 k
Ω
R1
1 k
Ω
MGT337
PCF5079
1
2
3
4
5
10
9
8
7
6
VCG
CINT1
< 50 pF
CINT2
< 50 pF
RF SECTION
AUXDAC3
PCF5073x
VINT(N)
VCD
VS1
VS2
VSS
VDAC
0 to 2.3 V
PU
BS
VDD
Fig.13 Diagram showing external components required.
12.1
Ramp control
CODEKICK and Vhome define the starting conditions for
ramping-up. Ramping-up and ramping-down are defined
by VVDAC. CODEEND and CODESTART define the correct
shut-off of the power module.
The non-linear behaviour of the control curves of the
power modules has a large influence on the loop. Starting
conditions in the flat area of the control curve are critical
and need some attention. Initially the voltage on
pins VCD (VCG) will be at the home position.
Successively, the integrator is moved into the active part
of the control curve.
This is achieved by integrating CODEKICK. When
VCD (VCG) voltage has reached the active region of the
control curve, the loop is closed and the circuit can follow
the ramping function generated at pin VDAC. The top
value of VDAC voltage determines the power of the
transmit burst. Ramping-down is started according to the
decrease of VDAC voltage. The loop follows the leading
function for ramping-down until the RF sensor leaves its
active region. The reason for CODESTART and CODEEND
is to shorten the tail of the slope.
MGT338
handbook, halfpage
RL
VVCD, VVCG
IL
350
Ω
120 pF
Fig.14 Worst case load on control voltage pins
VCG and VCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com