Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMMAD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PMMAD
Description  STEERING DIODE (RAIL CLAMP) ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PMMAD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PMMAD Datasheet HTML 1Page - List of Unclassifed Manufacturers PMMAD Datasheet HTML 2Page - List of Unclassifed Manufacturers PMMAD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
®
®
. . . . . Engineered solutions for the transient environment
2929 South Fair Lane • Tempe, Arizona 85282 • USA
Tel 602-431-8101 • Fax 602-431-2288 • E-mail sales@protek-tvs.com • Web www.protek-tvs.com
21
PMMAD1108
PMMAD1108
PMMAD1108
PMMAD1108
PMMAD1108
STEERING DIODE (RAIL CLAMP) ARRAY
IEC 1000-4 COMPATIBLE
SO-16 PACKAGE
CIRCUIT DIAGRAM
DESCRIPTION
This device is designed with discrete diodes for complete isolation. Each diode
can be individually tested according to the electrical characteristics. For transient
voltage protection, two diodes are configured in series with the anode of one
connect to the cathode of the other diode (See Rail Clamp Circuit).
APPLICATIONS
q
High Frequency Data Lines
q
RS-232 & RS-422 Interface Networks
q
10 Base T Networks
q
LAN/ WAN
q
Computer I/O Ports
FEATURES
q
IEC 1000-4-2, -4 & -5 Industry Requirements
q
Eight (8) Individual Steering Diodes
q
Designed for Rail Clamp Protection
q
ESD Protection > 40 kilovolts
q
Working Voltage > 50 Volts
q
UL 94V-0 Flammability Classification
q
Available in Standard SO-14 Surface Mount Package
MAXIMUM RATINGS
Package
Packaging
Approximate Weight
Device Markings
Miscellaneous
Molded SO-16 Surface Mount Package
Tube or 16mm Tape per EIA 481
0.15 grams
Logo & Part Number
Pin No. 1 Indicated by Dot on Top of Package
MECHANICAL CHARACTERISTICS
Continuous Power Dissipation
Operating & Storage Temperature
Continuous Forward Current
500mW
-65
° to +150°C
400mA
0
10
20
30
t - Time -
µs
FIGURE 1
PULSE WAVE FORM
100
50
0
t
d = t
I
PP/ 2
e-t
Peak Value IPP
TEST
WAVEFORM
PARAMETERS
t
f = 8 µs
t
d = 20µs
t
f
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PMMAD1108
8 ISOLATED DIODE ARRAY
RAIL CLAMP CIRCUIT
+
GND OR (-)
40
0.1
25
1.2
PROTEK
PART
NUMBER
ELECTRICAL CHARACTERISTICS @ 25
° C Ambient Temperature
FORWARD
PEAK PULSE
CURRENT
(See Fig. 1)
@ 8/20
µs
I
PP
AMPS
MAXIMUM
FORWARD
VOLTAGE
@ 100 mA
V
F
VOLTS
MAXIMUM
CAPACITANCE
@ 4 V, 1 MHz
C
pF
REVERSE
LEAKAGE
CURRENT
@ 40 V
I
RM
µA
REPETITIVE
PEAK REVERSE
VOLTAGE
@ 10
µA
V
PRP Min
VOLTS
PPMAD1108
50
5090 10/98
I/O Port



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com