Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMMAD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PMMAD
Description  STEERING DIODE (RAIL CLAMP) ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PMMAD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PMMAD Datasheet HTML 1Page - List of Unclassifed Manufacturers PMMAD Datasheet HTML 2Page - List of Unclassifed Manufacturers PMMAD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
®
20
0.1
1.2
25
40
PROTEK
PART
NUMBER
ELECTRICAL CHARACTERISTICS @ 25
° C Ambient Temperature
FORWARD
PEAK PULSE
CURRENT
(See Fig. 1)
@ 8/20
µs
IPP
AMPS
MAXIMUM
FORWARD
VOLTAGE
@ 100 mA
VF
VOLTS
MAXIMUM
CAPACITANCE
@ 4 V, 1 MHz
C
pF
REVERSE
LEAKAGE
CURRENT
@ 40 V
IRM
µA
REPETITIVE
PEAK REVERSE
VOLTAGE
@ 10
µA
VPRP Min
VOLTS
See Note 1
50
Note 1: Device Types Include: PMMAD130, PMMAD1103, PMMAD1105, PMMAD1106, PMMAD1107 and PMMAD1109. Electrical characteristics applies to all device types.
8
9
10
13
14
1
4
5
6
7
11
3
2
12
PMMAD130
DUAL 10 DIODE ARRAY
2
3
5
7
8
9
11
12
1
14
PMMAD1103
16 DIODE ARRAY
NC Pins 4, 6, 10 & 13
2
3
5
7
8
9
11
12
14
PMMAD1105
8 DIODE COMMON CATHODE ARRAY
NC Pins 1, 4, 6, 10 & 13
2
3
5
7
8
9
11
12
14
8 DIODE COMMON ANODE ARRAY
NC Pin 1, 4, 6, 10 & 13
PMMAD1106
2
3
11
12
4
5
9
10
1
8
7
14
PMMAD1107
DUAL 8 DIODE ARRAY
NC Pins 6 & 13
7
8
5
4
3
2
1
8
9
10
11
12
13
14
7 ISOLATED DIODE ARRAY
(Independent)
PMMAD1109
CIRCUIT DIAGRAM
5089 10/98



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com