Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDARF02-1BU2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDARF02-1BU2
Description  Single-line bidirectional ESD protection for high speed interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDARF02-1BU2 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDARF02-1BU2 Datasheet HTML 1Page - STMicroelectronics ESDARF02-1BU2 Datasheet HTML 2Page - STMicroelectronics ESDARF02-1BU2 Datasheet HTML 3Page - STMicroelectronics ESDARF02-1BU2 Datasheet HTML 4Page - STMicroelectronics ESDARF02-1BU2 Datasheet HTML 5Page - STMicroelectronics ESDARF02-1BU2 Datasheet HTML 6Page - STMicroelectronics ESDARF02-1BU2 Datasheet HTML 7Page - STMicroelectronics ESDARF02-1BU2 Datasheet HTML 8Page - STMicroelectronics ESDARF02-1BU2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID026231 Rev 2
5/9
ESDARF02-1BU2
Package information
9
2.2
Packing information
Note:
Product marking may be rotated by 180° for assembly plant differentiation. In no case
should this product marking be used to orient the component for its placement on a PCB.
Only pin 1 mark is to be used for this purpose.
Figure 11. Tape and reel outline
Figure 9. Footprint, dimensions in mm (inches)
Figure 10. Marking
0.425
0.20
0.30
0.425
1.05
Pin2
Pin 1
Z1
Bar indicates Pin 1
User direction of unreeling
All dimensions in mm
4.0
2.0
2.0
Ø 1.55
0.34
0.38
0.22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com