Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAULC5-1BF4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDAULC5-1BF4
Description  Low clamping and ultra low capacitance single line bidirectional ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAULC5-1BF4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ESDAULC5-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 9Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 10Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID025890 Rev 1
7/12
ESDAULC5-1BF4
Package information
12
Note:
The marking codes can be rotated by 90° or 180° to differentiate assembly location.In no
case should this product marking be used to orient the component for its placement on a
PCB. Only pin 1 mark is to be used for this purpose.
Figure 21. Tape and reel specification
Figure 19. Footprint in mm (inches)
Figure 20. Marking
0.243
(0.0096)
0.170
(0.0067)
0.300
(0.0118)
0.243
(0.0096)
0.656
(0.0258)
Pin1
Pin2
Bar indicates Pin 1
User direction of unreeling
All dimensions in mm
4.0 ± 0.1
2.0 ± 0.05
2.0 ± 0.05
Ø 1.5 ± 0.1
0.36 ± 0.03
0.38 ± 0.03
0.22
5
5
5
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com