Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAULC5-1BF4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDAULC5-1BF4
Description  Low clamping and ultra low capacitance single line bidirectional ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAULC5-1BF4 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDAULC5-1BF4 Datasheet HTML 1Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 2Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
ESDAULC5-1BF4
4/12
DocID025890 Rev 1
Figure 9. Eye diagram MHL 1.0
2.5 Gbps Thru PCB
Figure 10. Eye diagram MHL 1.0
2.5GbpsESDAULC5-1BF4
Rise time: 92.2 ps
Fall time: 90.6 ps
200 mV/c
74.1 ps/c
Eye height: 743 mv
Eye width: 430.1 ps
200 mV/c
74.1 ps/c
Rise time: 136.7 ps
Fall time: 133.4 ps
Eye height: 729 mv
Eye width: 418.6 ps
Figure 11. Eye diagram SD4.2,
3.12 Gbps Thru PCB
Figure 12. Eye diagram SD4.2,
3.12 Gbps ESDAULC5-1BF4
Rise time: 98.5 ps
Fall time: 96.1 ps
Eye height: 345 mv
Eye width: 299.5 ps
140 mV/c
53.4 ps/c
Rise time: 137.7 ps
Fall time: 138.8 ps
Eye height: 321 mv
Eye width: 294.7 ps
140 mV/c
53.4 ps/c
Figure 13. Eye diagram USB2.0,
480 Mbps Thru PCB
Figure 14. Eye diagram USB2.0,
480 Mbps ESDAULC5-1BF4
Rise time: 532 ps
Fall time: 532 ps
200 mV/c
347.2 ps/c
Rise time: 532 ps
Fall time: 532 ps
Eye height: 718 mv
Eye width: 2042 ps
200 mV/c
347.2 ps/c
Rise time: 556 ps
Fall time: 548 ps
Eye height: 716 mv
Eye width: 2048 ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com