Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAVLC6-1V2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDAVLC6-1V2
Description  Single line low capacitance Transil™ for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC6-1V2 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDAVLC6-1V2 Datasheet HTML 1Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 2Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 3Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 4Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 5Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 6Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 7Page - STMicroelectronics ESDAVLC6-1V2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
ESDAVLC6-1V2
2/8
DocID025241 Rev 1
1
Characteristics
Figure 2. Electrical characteristics (definitions)
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
±8
±15
kV
Tj
Operating temperature range
-40 to +125
°C
Tstg
Storage temperature range
- 55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Symbol
Parameter
V
=
Breakdown voltage
V
=
Stand-off voltage
V
=
Clamping voltage
I
=
Peak pulse current
BR
RM
CL
PP
I
=
Leakage current @ V
RM
RM
=
Line capacitance
CLINE
R
=
Dynamic resistance
D
V
I
VCLVBR
VRM
IF
VF
IRM
IPP
Slope: 1/Rd
Table 2. Electrical characteristics (values, Tamb = 25 °C)
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VBR
Breakdown voltage
IR = 1 mA
6
V
IRM
Leakage current
VRM = 3 V
50
nA
Cline
Line capacitance, I/O to GND VR = 0 V, F = 1 MHz, Vosc = 30 mV
5
7
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com