Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9660TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9660TR
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9660TR Datasheet HTML 15Page - STMicroelectronics L9660TR Datasheet HTML 16Page - STMicroelectronics L9660TR Datasheet HTML 17Page - STMicroelectronics L9660TR Datasheet HTML 18Page - STMicroelectronics L9660TR Datasheet HTML 19Page - STMicroelectronics L9660TR Datasheet HTML 20Page - STMicroelectronics L9660TR Datasheet HTML 21Page - STMicroelectronics L9660TR Datasheet HTML 22Page - STMicroelectronics L9660TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
DocID024714 Rev 2
19/49
L9660
Functional description
48
3.2.3
Reference resistor
IREF pin shall be connected to VDD supply through a resistor, RIREF. When the L9660
detects the resistor on IREF pin is larger than RIREF_H or smaller than RIREF_L, it goes
into a reset condition. All outputs are disabled and all internal registers are reset to their
default conditions.
3.2.4
Loss of ground
GND
When the GND pin is disconnected from PC-board ground, the L9660 goes in reset
condition. All outputs are disabled and all internal registers are reset to their default
conditions.
GND0-GND3
A loss of power-ground (GND0 – GND3) pin/s disables the respective low side driver/s on
SQLx. However, the high side driver of the respective channel is still able to be turned on.
Thus under the scenario where the low side is shorted to ground the L9660 is able to
provide the programmed firing current for the specified time.
An open GNDx connection on any channel has no affect on the other channels. An open
GNDx condition is detected using the low side MOS diagnostics.
AGND
The AGND pin is a reference for AOUT pin. When AGND loses its connection, the voltage
on AOUT pin is pulled up to VDD voltage and L9660 goes in reset condition. All outputs are
disabled and all internal register are reset to their default conditions.
3.2.5
VRESx capacitance
To properly ensure all diagnostics functions a typical capacitor of equal to or greater than
68nF is required close to the firing supply pins. Thus a minimum of 2 capacitors are required
with one placed close to the VRES0 and VRES1 pins and a second capacitor close to the
VRES2 and VRES3 pins.
3.2.6
Supply voltages
The primary current sources for the different functions of the ASIC are as follows:
VRESx - Firing currents along with HSS and HS FET diagnostic currents
VSDIAG - Squib resistance and HSS diagnostics
VDD is used for all internal functions as well as short to battery/ground and high squib
resistance diagnostics.
3.2.7
Ground connections
GND pin (6) is not connected internally to other ground pins (AGND or power ground
GNDx). A ground plane is needed to directly connect the GND pin. This ground plane needs
to be isolated from the high current ground for the squib drivers to prevent voltage shifts.
AGND pin should be connected to ground plane too to minimize drop versus ground
reference of ADC that capture AOUT voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com