Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9660TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9660TR
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9660TR Datasheet HTML 32Page - STMicroelectronics L9660TR Datasheet HTML 33Page - STMicroelectronics L9660TR Datasheet HTML 34Page - STMicroelectronics L9660TR Datasheet HTML 35Page - STMicroelectronics L9660TR Datasheet HTML 36Page - STMicroelectronics L9660TR Datasheet HTML 37Page - STMicroelectronics L9660TR Datasheet HTML 38Page - STMicroelectronics L9660TR Datasheet HTML 39Page - STMicroelectronics L9660TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Functional description
L9660
36/49
DocID024714 Rev 2
TX – 0x5901 – ARM Channel 0
RX – 0x5901
TX – 0x5901 – ARM Channel 0
RX – 0x5901
TX – 0x6001 – Firing on Channel 0 is started on if FEN is active
RX – 0x5901
TX – 0x6001 – Command ignored – sequence is not allowed
RX – 0x6001
TX – 0x6001 – Command ignored
RX – 0xD005
Alternatively, if the sequence is broken the response is as in the following example
FENx active
TX – 0x5901 – ARM Channel 0
RX – Based on previous command
TX – 0x2000 – Read of Register Mode 1
RX – 0x5901
TX – 0x6001 – Command ignored – sequence is not allowed
RX – contents of register
TX – 0x6001 – Command ignored – sequence is not allowed
RX – 0xD005
If, for example, channel 0 and 1 bits are set in the Arm command and channel 0 and 2 bits
are set in the fire command then the drivers on channel 0 are activated (assuming FEN
function is active) and there are no effect on channel 2.
During a deployment, any commands directed to the channel that is in deployment are
ignored and the response shall be 0xD009.
Diagnostic commands
Diagnostic Mode
Diagnostic mode main functions are as follows:
Squib short to battery/ground diagnostics
Loop to loop diagnostics
Normal Squib Resistance Diagnostics
High Squib Resistance Diagnostics
High side safing diagnostics
VRESx measurement
LS and HS FET Test
The SPI message definition for MOSI commands and MISO responses in Diagnostic Mode
are defined below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com