Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3681TH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3681TH
Description  Multiple voltage regulator with switch and ignition buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3681TH Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3681TH Datasheet HTML 1Page - NXP Semiconductors TDA3681TH Datasheet HTML 2Page - NXP Semiconductors TDA3681TH Datasheet HTML 3Page - NXP Semiconductors TDA3681TH Datasheet HTML 4Page - NXP Semiconductors TDA3681TH Datasheet HTML 5Page - NXP Semiconductors TDA3681TH Datasheet HTML 6Page - NXP Semiconductors TDA3681TH Datasheet HTML 7Page - NXP Semiconductors TDA3681TH Datasheet HTML 8Page - NXP Semiconductors TDA3681TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
2002 Apr 10
4
Philips Semiconductors
Product specification
Multiple voltage regulator with switch and
ignition buffer
TDA3681
BLOCK DIAGRAMS
handbook, full pagewidth
MGL902
REGULATOR 2
REGULATOR 4
REGULATOR 1
16
14
7
+
TEMPERATURE
LOAD DUMP
PROTECTION
17
11
9
3
10
8
13
POWER SWITCH
BACKUP SWITCH
BACKUP CONTROL
&
&
&
&
OR
GND
(14.4 V)
TDA3681J
TDA3681JR
RES
REG2
REG4
REG1
(14 V/
3 A)
(14 V/
100 mA)
(5 V/
300 mA)
(3.3 V/
1 A)
(8.5 V/
600 mA)
SW
VP1
ENSW
EN4
VP2
EN1/3
CRES
BU
HOLD
12
1
IGNITION BUFFER
5
IGNOUT
IGNIN
6
4
REGULATOR 3
&
REG3
(5 V/
1400 mA)
2
15
Fig.1 Block diagram of TDA3681J and TDA3681JR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com