Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3681TH Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA3681TH
Description  Multiple voltage regulator with switch and ignition buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3681TH Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA3681TH Datasheet HTML 17Page - NXP Semiconductors TDA3681TH Datasheet HTML 18Page - NXP Semiconductors TDA3681TH Datasheet HTML 19Page - NXP Semiconductors TDA3681TH Datasheet HTML 20Page - NXP Semiconductors TDA3681TH Datasheet HTML 21Page - NXP Semiconductors TDA3681TH Datasheet HTML 22Page - NXP Semiconductors TDA3681TH Datasheet HTML 23Page - NXP Semiconductors TDA3681TH Datasheet HTML 24Page - NXP Semiconductors TDA3681TH Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2002 Apr 10
21
Philips Semiconductors
Product specification
Multiple voltage regulator with switch and
ignition buffer
TDA3681
Application information
NOISE
Table 1
Noise figures
Note
1. Measured at a bandwidth of 30 kHz.
The noise on the supply line depends on the value of the
supply capacitor and is caused by a current noise (the
output noise of the regulators is translated to a current
noise by the output capacitors). The noise is minimal when
a high frequency capacitor of 220 nF in parallel with an
electrolytic capacitor of 100
µF is connected directly to the
supply pins VP1, VP2 and GND.
STABILITY
The regulators are stabilized by the externally connected
output capacitors.
The output capacitors can be selected by using the graphs
given in Figs 12 and 13. When an electrolytic capacitor is
used, its temperature behaviour can cause oscillations at
a low temperature. The two examples below show how an
output capacitor value is selected.
Example 1
Regulators 1, 3 and 4 are stabilized with an electrolytic
output capacitor of 220
µF (ESR = 0.15 Ω). At
Tamb =−30 °C, the capacitor value is decreased to 73 µF
and the ESR is increased to 1.1
Ω. The regulator remains
stable at Tamb = −30 °C (see Fig.12).
Example 2
Regulator 2 is stabilized with a 10
µF electrolytic capacitor
(ESR = 3
Ω). At Tamb = −30 °C, the capacitor value is
decreased to 3
µF and the ESR is increased to 23.1 Ω.
As can be seen from Fig.13, the regulator will be unstable
at Tamb = −30 °C.
Solution
To avoid problems with stability at low temperatures, the
use of tantalum capacitors is recommended. Use a
tantalum capacitor of 10
µF or a larger electrolytic
capacitor.
REGULATOR
NOISE FIGURE (
µV)(1)
Co =10 µFCo =47 µFCo = 100 µF
1
170
110
110
2
440
240
190
3
120
100
80
485
70
55
handbook, halfpage
0
0.1
1
10
C (
µF)
MGL912
stable region
maximum ESR
100
ESR
(
Ω)
20
15
10
5
Fig.12 Curve for selecting the value of the output
capacitor for regulators 1, 3 and 4.
handbook, halfpage
2
−2
0
0.22
110
C (
µF)
MGL913
4
6
8
10
12
stable region
maximum ESR
minimum ESR
100
ESR
(
Ω)
14
Fig.13 Curve for selecting the value of the output
capacitor for regulator 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com