Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH81IPT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH81IPT
Description  Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH81IPT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH81IPT Datasheet HTML 6Page - STMicroelectronics TSH81IPT Datasheet HTML 7Page - STMicroelectronics TSH81IPT Datasheet HTML 8Page - STMicroelectronics TSH81IPT Datasheet HTML 9Page - STMicroelectronics TSH81IPT Datasheet HTML 10Page - STMicroelectronics TSH81IPT Datasheet HTML 11Page - STMicroelectronics TSH81IPT Datasheet HTML 12Page - STMicroelectronics TSH81IPT Datasheet HTML 13Page - STMicroelectronics TSH81IPT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Electrical Characteristics
TSH80-TSH81-TSH82
10/23
Figure 1.
Closed loop gain & phase vs.
frequency
Figure 2.
Overshoot function of output
capacitance
Gain=+2, Vcc=
±2.5V, RL=150Ω, Tamb = 25°C
Gain=+2, Vcc=
±2.5V, Tamb = 25°C
Figure 3.
Closed loop gain & phase vs.
frequency
Figure 4.
Closed loop gain & phase vs.
frequency
Gain=-10, Vcc=
±2.5V, RL=150Ω, Tamb = 25°C
Gain=+11, Vcc=
±2.5V, RL=150Ω, Tamb = 25°C
Figure 5.
Large signal measurement - positive
slew rate
Figure 6.
Large signal measurement -
negative slew rate
Gain=2,Vcc=±2.5V,ZL=150
Ω//5.6pF,Vin=400mVpk Gain=2,Vcc=±2.5V,ZL=150Ω//5.6pF,Vin=400mVpk
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-15
-10
-5
0
5
10
-200
-100
0
100
200
Gain
Phase
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-5
0
5
10
150
Ω
150
Ω//33pF
150
Ω//22pF
150
Ω//10pF
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-10
0
10
20
30
-100
-50
0
50
100
150
200
Gain
Phase
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-10
0
10
20
30
-150
-100
-50
0
Gain
Phase
0
102030
405060
70
80
Time (ns)
-3
-2
-1
0
1
2
3
0
1020
30
4050
6070
Time (ns)
-3
-2
-1
0
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com