Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH81IPT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSH81IPT
Description  Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH81IPT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSH81IPT Datasheet HTML 8Page - STMicroelectronics TSH81IPT Datasheet HTML 9Page - STMicroelectronics TSH81IPT Datasheet HTML 10Page - STMicroelectronics TSH81IPT Datasheet HTML 11Page - STMicroelectronics TSH81IPT Datasheet HTML 12Page - STMicroelectronics TSH81IPT Datasheet HTML 13Page - STMicroelectronics TSH81IPT Datasheet HTML 14Page - STMicroelectronics TSH81IPT Datasheet HTML 15Page - STMicroelectronics TSH81IPT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Inter Modulation Products
TSH80-TSH81-TSH82
12/23
3
Inter Modulation Products
The IFR2026 synthesizer generates a two tones signal (F1=180kHz, F2=280kHz); each tone
having the same amplitude level.
The HP3585 spectrum analyzer measures the inter modulation products function of the output
voltage. The generator and the spectrum analyzer are phase locked for precision
considerations.
Figure 13. Standby mode - Ton, Toff
Figure 14. Group delay
Vcc=
±2.5V, Open Loop
Gain=2, Vcc=
±2.5V, ZL=150Ω//27pF, Tamb = 25°C
Figure 15. Third order inter modulation
Gain=2, Vcc=
±2.5V, ZL=150Ω//27pF, Tamb = 25°C
0
2E-6
4E-6
6E-6
8E-6
1E-5
Time (s)
-3
-2
-1
0
1
2
3
Vout
Ton
Toff
Standby
Vin
Group
Delay
Gain
5.32ns
01
2
3
4
Vout peak(V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
740kHz
380kHz
640kHz
80kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com