Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US5881LSO Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # US5881LSO
Description  CMOS Multi-Purpose Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

US5881LSO Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  US5881LSO Datasheet HTML 1Page - List of Unclassifed Manufacturers US5881LSO Datasheet HTML 2Page - List of Unclassifed Manufacturers US5881LSO Datasheet HTML 3Page - List of Unclassifed Manufacturers US5881LSO Datasheet HTML 4Page - List of Unclassifed Manufacturers US5881LSO Datasheet HTML 5Page - List of Unclassifed Manufacturers US5881LSO Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
US5881 CMOS Multi-Purpose Switch
3901005881 Rev 5.0
24/July/01
Page 4
US5881
CMOS Multi-Purpose Switch
Performance Graphs
280
Time in Wave Solder (Seconds)
Wave Soldering Parameters
All Devices
15
200
220
240
260
10
5
0
20
25
30
500
0
Temperature (oC)
Power Dissipation
versus
Temperature
All Devices
80
100
200
300
400
0
-40
120
160
200
40
SO Package
RθJA =575
oC/W
UA Package
Rθ
JA
=206oC/W
5
0
Supply Voltage (V)
Typical Supply Current
versus
Supply Voltage
5881
15
1
2
3
4
10
5
0
20
25
30
T
A
= -40oC
T
A
= 25oC
T
A
= 125oC
500
0
Temperature (oC)
Typical Saturation Voltage
versus
Temperature
V
DD = 12 V, IOUT = 20mA
5881
80
100
200
300
400
0
-40
120
160
200
40
V
DS(ON)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com