Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9261 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 4 Page - Analog Devices

  AD9261 Datasheet HTML 1Page - Analog Devices AD9261 Datasheet HTML 2Page - Analog Devices AD9261 Datasheet HTML 3Page - Analog Devices AD9261 Datasheet HTML 4Page - Analog Devices AD9261 Datasheet HTML 5Page - Analog Devices AD9261 Datasheet HTML 6Page - Analog Devices AD9261 Datasheet HTML 7Page - Analog Devices AD9261 Datasheet HTML 8Page - Analog Devices AD9261 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD9261
Rev. 0 | Page 3 of 28
SPECIFICATIONS
DC SPECIFICATIONS
All power supplies set to 1.8 V, 640 MHz sample rate, 0.5 V internal reference, PLL disabled, 40 MSPS output data rate, AIN1 = −2.0 dBFS,
unless otherwise noted.
Table 1.
Parameter
Temp
Min
Typ
Max
Unit
RESOLUTION
Full
16
Bits
ANALOG INPUT BANDWIDTH
10
MHz
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
±0.02
±0.15
% FSR
Gain Error
Full
±0.7
±3.0
% FSR
Integral Nonlinearity (INL)2
Full
±1.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
±1.5
ppm/°C
Gain Error
Full
±50
ppm/°C
INTERNAL VOLTAGE REFERENCE
490
500
510
mV
ANALOG INPUT
Input Span, VREF = 0.5 V
Full
2
V p-p diff
Common-Mode Voltage
Full
1.7
1.8
1.9
V
Input Resistance
Full
1
kΩ
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
V
CVDD
Full
1.7
1.8
1.9
V
DVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
3.6
V
Supply Current
IAVDD2
Full
74
83
mA
ICVDD2 PLL Enabled
Full
57
654
mA
ICVDD2 PLL Disabled
Full
8.0
8.8
mA
IDVDD2
Full
100
108
mA
IDRVDD2 (1.8 V)
Full
5.5
5.8
mA
IDRVDD2 (3.3 V)
Full
10
mA
POWER CONSUMPTION
Sine Wave Input2 PLL Disabled
Full
340
370
mW
Sine Wave Input2 PLL Enabled
Full
425
465
mW
Power-Down Power
Full
20
mW
Standby Power2
Full
7
mW
Sleep Power
Full
3
4
mW
1 Input power is referenced to full scale. Therefore, all measurements were taken with a 2 dB signal below full scale, unless otherwise noted.
2 Measured with a low input frequency, full-scale sine wave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com