Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9261 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9261 Datasheet HTML 5Page - Analog Devices AD9261 Datasheet HTML 6Page - Analog Devices AD9261 Datasheet HTML 7Page - Analog Devices AD9261 Datasheet HTML 8Page - Analog Devices AD9261 Datasheet HTML 9Page - Analog Devices AD9261 Datasheet HTML 10Page - Analog Devices AD9261 Datasheet HTML 11Page - Analog Devices AD9261 Datasheet HTML 12Page - Analog Devices AD9261 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD9261
Rev. 0 | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
CLK–
CVDD
PDWN
DVDD
DGND
DRVDD
PLL_LOCKED
DCO
D0
D1
D2
D3
NOTES
1. THE EXPOSED PAD MUST BE SOLDERED TO THE GROUND PLANE FOR
THE LFCSP PACKAGE. SOLDERING THE EXPOSED PADDLE TO THE PCB
INCREASES THE RELIABILITY OF THE SOLDER JOINTS, MAXIMIZING
THE THERMAL CAPACITY OF THE PACKAGE.
PLLMULT1/SDIO
PLLMULT2
PLLMULT3
PLLMULT4
DVDD
DGND
DRVDD
OR
D15
D14
D13
35
PLLMULT0/SCLK
36
34
33
32
31
30
29
28
27
26
25
AD9261
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK−
Clock Input (−).
2
CVDD
Clock Supply (1.8 V).
3
PDWN
External Power-Down Pin.
4, 19, 31
DVDD
Digital Supply (1.8 V).
5, 18, 30
DGND
Digital Ground.
6, 17, 29
DRVDD
Digital Output Driver Supply (1.8 V to 3.3 V).
7
PLL_LOCKED
PLL Lock Indicator.
8
DCO
Data Clock Output.
9 to 16, 20 to 27
D0 to D15
Data Output Bits. D0 is the LSB and D15 is the MSB.
28
OR
Overrange Indicator.
32, 33, 34
PLLMULT4, PLLMULT3, PLLMULT2
PLL Mode Selection Pins.
35
PLLMULT1/SDIO
PLL Mode Selection Pin/Serial Port Interface Data Input/Output.
36
PLLMULT0/SCLK
PLL Mode Selection Pin/Serial Port Interface Clock.
37
CSB
Serial Port Interface Chip Select. Active low.
38, 46
AGND
Analog Ground.
39, 42, 45
AVDD
Analog Supply (1.8 V).
40
VREF
Voltage Reference Input/Output.
41
CFILT
Noise Limiting Filter Capacitor.
43
VIN+
Analog Input (+).
44
VIN–
Analog Input (−).
47
CGND
Clock Ground.
48
CLK+
Clock Input (+).
49
EPAD
Analog Ground. Pin 49 is the exposed thermal pad on the bottom of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com