Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA05T/FP Datasheet(PDF) 1 Page - Rohm

Part # BA05T/FP
Description  Low saturation voltage type 3-pin regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA05T/FP Datasheet(HTML) 1 Page - Rohm

  BA05T/FP Datasheet HTML 1Page - Rohm BA05T/FP Datasheet HTML 2Page - Rohm BA05T/FP Datasheet HTML 3Page - Rohm BA05T/FP Datasheet HTML 4Page - Rohm BA05T/FP Datasheet HTML 5Page - Rohm BA05T/FP Datasheet HTML 6Page - Rohm BA05T/FP Datasheet HTML 7Page - Rohm BA05T/FP Datasheet HTML 8Page - Rohm BA05T/FP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
27
Standard ICs
Low saturation voltage type 3-pin
regulator
BA
ffT / FP series
The BA
ffT/FP series are fixed positive output low drop-out type, 3-pin voltage regulators with positive output. These
regulators are used to provide a stabilized output voltage from a fluctuating DC input voltage.
There are 10 fixed output voltages, as follows:3V, 3.3V, 5V, 6V*, 7V, 8V, 9V, 10V, 12V and 15V. The maximum current
capacity is 1A for each of the above voltages. (Items marked with an asterisk are under development.)
FApplications
Constant voltage power supply
FFeatures
1) Built-in overvoltage protection circuit, overcurrent
protection circuit and thermal shutdown circuit.
2) TO220FP and TO252-3 packages are available to
cover a wide range of applications.
3) Compatible with the BA178
ff series.
4) Richly diverse lineup.
5) Low minimum I / O voltage differential.
FProduct codes
FBlock diagram


Similar Part No. - BA05T/FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA05T ROHM-BA05T Datasheet
98Kb / 8P
Low saturation voltage type 3-pin regulator
logo
Guangdong Kexin Industr...
BA05T KEXIN-BA05T Datasheet
356Kb / 2P
Three Terminal Voltage Regulator
logo
Rohm
BA05TFP ROHM-BA05TFP Datasheet
100Kb / 9P
Low saturation voltage type 3-pin regulator
BA05TFP ROHM-BA05TFP Datasheet
98Kb / 8P
Low saturation voltage type 3-pin regulator
More results

Similar Description - BA05T/FP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
Low saturation voltage type regulator with ON / OFF switch
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
Rohm
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
logo
ELM Electronics
ELM99XXXA ELM-ELM99XXXA Datasheet
313Kb / 19P
LOW SATURATION VOLTAGE REGULATOR
logo
Rohm
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
Low saturation voltage type 3-pin regulator
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com