Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9470FN Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC9470FN
Description  Modulation DA Converter with Built-in 8-Times Oversampling Digital Filter/Dynamic Digital Bass Boost/Analog Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9470FN Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC9470FN Datasheet HTML 3Page - Toshiba Semiconductor TC9470FN Datasheet HTML 4Page - Toshiba Semiconductor TC9470FN Datasheet HTML 5Page - Toshiba Semiconductor TC9470FN Datasheet HTML 6Page - Toshiba Semiconductor TC9470FN Datasheet HTML 7Page - Toshiba Semiconductor TC9470FN Datasheet HTML 8Page - Toshiba Semiconductor TC9470FN Datasheet HTML 9Page - Toshiba Semiconductor TC9470FN Datasheet HTML 10Page - Toshiba Semiconductor TC9470FN Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TC9470FN
2002-02-27
7
The digitalization of the de-emphasis filter eliminates the need for such external components as resistors,
condensers and analog switches. In addition to this, the coefficients are aligned to reduce error in the
de-emphasis filter characteristics.
The filter structure and characteristics are shown below.
5. Dynamic Digital Bass Boost Circuit
ON/OFF for the dynamic digital bass boost is controlled in the parallel mode ( S
P/
= “H”) with the DBB1
pin (pin 20) and the DBB2 pin (pin 21).
This is set in the serial mode ( S
P/
= “L”) with a microcontroller or other equipment. (refer to 10.2
microcontroller setting mode for further details on serial mode settings.)
A block diagram for the dynamic bass boost circuit is shown in Figure 6.
The compressor’s compression ratio when in the control mode for the parallel mode is shown below.
Table 3 Compressor Compression Ratio (when in the parallel mode)
DBB max
18dB
DBB MID
12dB
The compressor’s compression characteristics are as follows:
Table 4 Compressor Compression Characteristics (when in the parallel mode)
DBB max
−36dB
DBB MID
−24dB
Figure 6 Dynamic Digital Bass Boost Circuit Block
+
INPUT
OUTPUT
SERIAL
ATTENUATOR
COMPRESSOR BLOCK
L.P.F
Coefficient length: 7 bits
Figure 4 IIR Digital De-Emphasis Filter
Figure 5 Filter Characteristics
|G (jω)|
1
/T
1
2
/T
1
T1 = 50 µs, T2 = 15 µs
+
+
Input data
b0
a1
b1
Z
−1
)
-
+
=
-
-
1
1
1
1
0
Z
a
(1
)
Z
b
(b
(Z)
H
:
function
Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com