Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9470FN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC9470FN
Description  Modulation DA Converter with Built-in 8-Times Oversampling Digital Filter/Dynamic Digital Bass Boost/Analog Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9470FN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC9470FN Datasheet HTML 1Page - Toshiba Semiconductor TC9470FN Datasheet HTML 2Page - Toshiba Semiconductor TC9470FN Datasheet HTML 3Page - Toshiba Semiconductor TC9470FN Datasheet HTML 4Page - Toshiba Semiconductor TC9470FN Datasheet HTML 5Page - Toshiba Semiconductor TC9470FN Datasheet HTML 6Page - Toshiba Semiconductor TC9470FN Datasheet HTML 7Page - Toshiba Semiconductor TC9470FN Datasheet HTML 8Page - Toshiba Semiconductor TC9470FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TC9470FN
2002-02-27
3
Pin Function
Pin No.
Symbol
I/O
Function
Remarks
1
VDD
―
Digital block power supply pin
2
T1
I
Test pin. Always set to “Low” level.
3
S
P/
I
Parallel/serial mode select pin
4
VDA
―
Analog power supply pin
5
RO
O
Right channel analog signal output pin
6
GNDA
―
Analog GND pin
7
VR
―
Reference voltage pin
8
GNDA
―
Analog GND pin
9
LO
O
Left channel analog signal output pin
10
VDA
―
Analog power supply pin
11
ZD
O
Zero data detection output pin common to left and right channels
12
GNDD
―
Digital GND pin
13
MCK
O
System clock output pin
14
GNDX
―
Crystal oscillator GND pin
15
XI
I
16
XO
O
Crystal oscillator connecting pins.
Generate the clock required by the system.
17
VDX
―
Crystal oscillator power supply pin
18
LATCH
(SM)
I
In serial mode, data latch signal input pin
In parallel mode, soft mute control pin
Schmidt input
19
SHIFT
(EMP)
I
In serial mode, shift clock input pin
In parallel mode, de-emphasis filter control pin
Schmidt input
20
ATT
(DBB1)
I
In serial mode, data input pin
In parallel mode, dynamic bass boost control pin 1
Schmidt input
21
DBB2
I
In parallel mode, dynamic bass boost control pin 2
22
DATA
I
Audio data input pin
Schmidt input
23
BCK
I
Bit clock input pin
Schmidt input
24
LRCK
I
LR clock input pin
Schmidt input
XI
XO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com