Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4443CS Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL4443CS
Description  Multiplexed-Input Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4443CS Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL4443CS Datasheet HTML 5Page - Elantec Semiconductor EL4443CS Datasheet HTML 6Page - Elantec Semiconductor EL4443CS Datasheet HTML 7Page - Elantec Semiconductor EL4443CS Datasheet HTML 8Page - Elantec Semiconductor EL4443CS Datasheet HTML 9Page - Elantec Semiconductor EL4443CS Datasheet HTML 10Page - Elantec Semiconductor EL4443CS Datasheet HTML 11Page - Elantec Semiconductor EL4443CS Datasheet HTML 12Page - Elantec Semiconductor EL4443CS Datasheet HTML 13Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
EL4421C22C41C42C43C44C
Multiplexed-Input Video Amplifiers
Typical Performance Curves
Contd
Supply Voltage
Supply Current vs
4421 31
Temperature
Supply Current vs
4421 32
Ambient Temperature
Power Dissipation vs
8-Pin Package
4421 33
Ambient Temperature
Power Dissipation vs
14-Pin Package
4421 34
Applications Information
General Description
The EL44XX family of video mux-amps are com-
posed of two or four input stages whose inputs
are selected and control an output stage One of
the inputs is active at a time and the circuit be-
haves as a traditional voltage-feedback op-amp
for that input rejecting signals present at the un-
selected inputs Selection is controlled by one or
two logic inputs
The EL4421 EL4422 EL4441 and EL4442 have
all
inputs wired in parallel allowing a single
feedback network to set the gain of all inputs
These devices are wired for positive gains The
EL4443 and EL4444 on the other hand have all
a
inputs and
inputs brought out separately so
that the input stage can be wired for independent
gains and gain polarities with separate feedback
networks
The EL4421 EL4441 and EL4443 are compen-
sated for unity-gain stability while the EL4422
EL4442 and EL4444 are compensated for a fed-
back gain of a2 ideal for driving back-terminat-
ed cables or maintaining bandwidth at higher
fed-back gains
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com