Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4443CS Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL4443CS
Description  Multiplexed-Input Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4443CS Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL4443CS Datasheet HTML 6Page - Elantec Semiconductor EL4443CS Datasheet HTML 7Page - Elantec Semiconductor EL4443CS Datasheet HTML 8Page - Elantec Semiconductor EL4443CS Datasheet HTML 9Page - Elantec Semiconductor EL4443CS Datasheet HTML 10Page - Elantec Semiconductor EL4443CS Datasheet HTML 11Page - Elantec Semiconductor EL4443CS Datasheet HTML 12Page - Elantec Semiconductor EL4443CS Datasheet HTML 13Page - Elantec Semiconductor EL4443CS Datasheet HTML 14Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EL4421C22C41C42C43C44C
Multiplexed-Input Video Amplifiers
Applications Information
Contd
Switching Characteristics
The logic inputs work with standard TTL levels
of 08V or less for a logic 0 and 20V or more for a
logic 1 making them compatible for TTL and
CMOS drivers
The ground pin is the logic
threshold biasing reference The simplified input
circuitry is shown below
4421 35
Figure 1 Simplified Logic Input Circuitry
The ground pin draws a maximum DC current of
6
mA and may be biased anywhere between
(V
) a25V and (Va)
35V The logic inputs
may range from (V
)a25V to Va and are ad-
ditionally required to be no more negative than
V(Gnd pin)
4V and no more positive than
V(Gnd pin)a6V
For example within these constraints we can
power the EL44XX’s from a5V and a12V with-
out a negative supply by using these connections
4421 36
Figure 2 Using the EL44XX Mux Amps with a5V and a12V Supplies
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com