Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6162 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6162
Description  High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6162 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM6162 Datasheet HTML 1Page - National Semiconductor (TI) LM6162 Datasheet HTML 2Page - National Semiconductor (TI) LM6162 Datasheet HTML 3Page - National Semiconductor (TI) LM6162 Datasheet HTML 4Page - National Semiconductor (TI) LM6162 Datasheet HTML 5Page - National Semiconductor (TI) LM6162 Datasheet HTML 6Page - National Semiconductor (TI) LM6162 Datasheet HTML 7Page - National Semiconductor (TI) LM6162 Datasheet HTML 8Page - National Semiconductor (TI) LM6162 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (Va –V )
36V
Differential Input Voltage (Note 2)
g
8V
Common-Mode Input Voltage
(Vab07V) to
(Note 3)
(V
a
07V)
Output Short Circuit to GND (Note 4)
Continuous
Soldering Information
Dual-In-Line Package (N)
Soldering (10 seconds)
260 C
Small Outline Package (M)
Vapor Phase (60 seconds)
215 C
Infrared (15 seconds)
220 C
See AN-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ for other methods of soldering sur-
face mount devices
Storage Temperature Range
b
65 C s TJ s a150 C
Max Junction Temperature
150 C
ESD Tolerance (Note 5)
g
1100V
Operating Ratings
Temperature Range (Note 6)
LM6162
b
55 C s TJ s a125 C
LM6262
b
25 C s TJ s a85 C
LM6362
0 C s TJ s a70 C
Supply Voltage Range
475V to 32V
DC Electrical Characteristics
These limits apply for supply voltage
g
15V VCM
0V and RL t 100 kX unless otherwise specified Limits in standard
typeface are for TA
TJ
25 C limits in boldface type apply over the Operating Temperature Range
(Note 7)
Typical
LM6162
LM6262
LM6362
Symbol
Parameter
Conditions
Limit
Limit
Limit
Units
(Note 8)
(Note 8)
(Note 8)
VOS
Input Offset Voltage
g
3
g
5
g
5
g
13
mV
g
8
g
8
g
15
max
D
VOS
D
Temp
Input Offset Voltage
7
m
V C
Average Drift
Ibias
Input Bias Current
22
3
3
4
m
A
65
6
max
IOS
Input Offset Current
g
150
g
350
g
350
g
1500
nA
g
800
g
600
g
1900
max
D
IOS
D
Temp
Input Offset Current
03
nA C
Average Drift
RIN
Input Resistance
Differential
180
kX
CIN
Input Capacitance
20
pF
AVOL
Large Signal
VOUT
g
10V RL
2kX
1400
1000
1000
800
VV
Voltage Gain
(Note 9)
500
700
650
min
RL
10 kX
6500
VV
VCM
Input Common-Mode
Supply
g
15V
a
140
a
139
a
139
a
138
V
Voltage Range
a
138
a
138
a
137
min
b
132
b
129
b
129
b
129
V
b
127
b
127
b
128
max
Supply
a
5V
40
39
39
38
V
(Note 10)
38
38
37
min
16
18
18
19
V
20
20
20
max
CMRR
Common-Mode
b
10V s VCM s a10V
100
83
83
76
dB
Rejection Ratio
79
79
74
min
PSRR
Power Supply
g
10V s VS s g16V
93
83
83
76
dB
Rejection Ratio
79
79
74
min
VO
Output Voltage
Supply
g
15V RL
2kX
a
142
a
135
a
135
a
134
V
Swing
a
133
a
133
133
min
b
134
b
130
b
130
b
129
V
b
127
b
128
b
128
max
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com