Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6162 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6162
Description  High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6162 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM6162 Datasheet HTML 3Page - National Semiconductor (TI) LM6162 Datasheet HTML 4Page - National Semiconductor (TI) LM6162 Datasheet HTML 5Page - National Semiconductor (TI) LM6162 Datasheet HTML 6Page - National Semiconductor (TI) LM6162 Datasheet HTML 7Page - National Semiconductor (TI) LM6162 Datasheet HTML 8Page - National Semiconductor (TI) LM6162 Datasheet HTML 9Page - National Semiconductor (TI) LM6162 Datasheet HTML 10Page - National Semiconductor (TI) LM6162 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Tips
The LM6362 has been decompensated for a wider gain-
bandwidth product than the LM6361 However the LM6362
still offers stability at gains of 2 (and b1) or greater over the
specified ranges of temperature power supply voltage and
load Since this decompensation involved reducing the emit-
ter-degeneration resistors in the op amp’s input stage the
DC precision has been increased in the form of lower offset
voltage and higher open-loop gain
Other op amps in this family include the LM6361 LM6364
and LM6365 If unity-gain stability is required the LM6361
should be used The LM6364 has been decompensated for
operation at gains of 5 or more with corresponding greater
gain-bandwidth product (125 MHz typical) and DC preci-
sion The fully-uncompensated LM6365 offers gain-band-
width product of 725 MHz typical and is stable for gains of
25 or more All parts in this family regardless of compensa-
tion have the same high slew rate of 300 V ms (typ)
The LM6362 is unusually tolerant of capacitive loads Most
op amps tend to oscillate when their load capacitance is
greater than about 200 pF (in low-gain circuits) However
load capacitance on the LM6362 effectively increases its
compensation capacitance thus slowing the op amp’s re-
sponse and reducing its bandwidth The compensation is
not ideal though and ringing may occur in low-gain circuits
with large capacitive loads
Power supply bypassing is not as critical for LM6362 as it is
for other op amps in its speed class However bypassing
will improve the stability and transient response of the
LM6362 and is recommended for every design 001 mFto
01 mF ceramic capacitors should be used (from each sup-
ply ‘‘rail’’ to ground) if the device is far away from its power
supply source an additional 22 mFto10 mF of tantalum
may be required for extra noise reduction
Keep all leads short to reduce stray capacitance and lead
inductance and make sure ground paths are low-imped-
ance especially where heavier currents will be flowing
Stray capacitance in the circuit layout can cause signal cou-
pling from one pin input or lead to another and can cause
circuit gain to unintentionally vary with frequency
Breadboarded circuits will work best if they are built using
generic PC boards with a good ground plane If the op amps
are used with sockets as opposed to being soldered into
the circuit the additional input capacitance may degrade
circuit frequency response At low gains (a2or b1) a
feedback capacitor Cf from output to inverting input will
compensate for the phase lag caused by capacitance at the
inverting input Typically values from 2 pF to 5 pF work well
however best results can be obtained by observing the am-
plifier pulse response and optimizing Cf for the particular
layout
Typical Applications
Offset Voltage Adjustment
TLH11061 11
Inverting Amplifier 30 MHz Bandwidth
Operation
on
g
15V
supplies results in wider
bandwidth
50
MHz
(typ)
TLH11061 12
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com