Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSK380 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LSK380
Description  3 mm (T1) LED, Non Diffused
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSK380 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LSK380_02 Datasheet HTML 2Page - OSRAM GmbH LSK380_02 Datasheet HTML 3Page - OSRAM GmbH LSK380_02 Datasheet HTML 4Page - OSRAM GmbH LSK380_02 Datasheet HTML 5Page - OSRAM GmbH LSK380_02 Datasheet HTML 6Page - OSRAM GmbH LSK380_02 Datasheet HTML 7Page - OSRAM GmbH LSK380_02 Datasheet HTML 8Page - OSRAM GmbH LSK380_02 Datasheet HTML 9Page - OSRAM GmbH LSK380_02 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2002-03-15
8
LS K380, LO K380, LY K380, LG K380, LP K380
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
Kathodenkennung:
kürzerer Lötspieß
Cathode mark:
short solder lead
Gewicht / Approx. weight: 160 mg
2.05 (0.081)
2.35 (0.093)
2.9 (0.114)
3.5 (0.138)
4.8 (0.189)
4.4 (0.173)
3.6 (0.142)
3.2 (0.126)
Cathode
GEXY6712
Area not flat
1.8 (0.071)
1.2 (0.047)
29.0 (1.142)
27.0 (1.063)
0.6 (0.024)
0.4 (0.016)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com