Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSK380 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LSK380
Description  3 mm (T1) LED, Non Diffused
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSK380 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LSK380_02 Datasheet HTML 2Page - OSRAM GmbH LSK380_02 Datasheet HTML 3Page - OSRAM GmbH LSK380_02 Datasheet HTML 4Page - OSRAM GmbH LSK380_02 Datasheet HTML 5Page - OSRAM GmbH LSK380_02 Datasheet HTML 6Page - OSRAM GmbH LSK380_02 Datasheet HTML 7Page - OSRAM GmbH LSK380_02 Datasheet HTML 8Page - OSRAM GmbH LSK380_02 Datasheet HTML 9Page - OSRAM GmbH LSK380_02 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LS K380, LO K380, LY K380, LG K380, LP K380
2002-03-15
6
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
LS, LO, LY, LG
Relativer Lichtstrom
Φ
V/ΦV(15 mA) = f (IF)
Relative Luminous Flux
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
LP
10 -1
V
pure-green
5
super-red
orange/yellow
green
OHL02145
IF
F
V
0
10
1
10
2
10
5
mA
1.0
1.4
1.8
2.2
2.6
3.0
3.4
0
OHL00538
Ι
F
˚C
T
0
20
40
60
80
100
mA
10
20
30
40
50
temp. solder point
temp. ambient
TA
TS
TS
A
T
OHL02103
10
I
F
v
Φ
(15mA)
Φ
v
-1
0
10
1
10
102
mA
-3
10
10-2
-1
10
0
10
1
10
pure-green
red
green
yellow
super-red
0
OHL00984
I
F
˚C
T
0
20
40
60
80
100
10
20
30
40
mA
temp. solder point
temp. ambient
TA
TS
TS
A
T



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com