Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2JC44 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # U2JC44
Description  GENERAL PURPOSE RECTIFIER APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

U2JC44 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  U2JC44 Datasheet HTML 1Page - Toshiba Semiconductor U2JC44 Datasheet HTML 2Page - Toshiba Semiconductor U2JC44 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
U2BC44,U2GC44,U2JC44
2001-07-11
1
TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
U2BC44,U2GC44,U2JC44
GENERAL PURPOSE RECTIFIER APPLICATIONS
l Repetitive Peak Reverse Voltage : VRRM = 100, 400, 600 V
l Average Forward Current
: IF (AV) = 2.0 A
l Mini Plastic Mold Package
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
U2BC44
100
U2GC44
400
Repetitive Peak
Reverse Voltage
U2JC44
VRRM
600
V
On Ceramic Substrate
2.0
(Ta = 45°C)
Average
Forward
Current
On Glass−epoxy
Substrate
IF (AV)
1.3
(Ta = 25°C)
A
80 (50Hz)
Peak One Cycle Surge Forward
Current (Non−Repetitive)
IFSM
88 (60Hz)
A
Junction Temparature Range
Tj
−40~150
°C
Storage Temparature Range
Tstg
−40~150
°C
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Peak Forward Voltage
VFM
IFM = 2.0 A
1.2
V
Repetitive Peak Reverse Current
IRRM
VRRM = Rated
10
µA
On ceramic substrate
50
Thermal Resistance
Rth (j−a)
DC
On glass−epoxy substrate
110
°C / W
STANDARD SOLDERING PAD
MARKING
Unit: mm
JEDEC
JEITA
TOSHIBA
3−5F1A
Weight: 0.1g
CODE
TYPE
2BC
U2BC44
2GC
U2GC44
2JC
U2JC44


Similar Part No. - U2JC44

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U2JC44 TOSHIBA-U2JC44 Datasheet
124Kb / 3P
TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
More results

Similar Description - U2JC44

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1R5JZ41 TOSHIBA-1R5JZ41 Datasheet
135Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1829 TOSHIBA-1S1829 Datasheet
116Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1830 TOSHIBA-1S1830 Datasheet
134Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1885A TOSHIBA-1S1885A Datasheet
131Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
GENERAL PURPOSE RECTIFIER APPLICATIONS.
U10LC48 TOSHIBA-U10LC48_07 Datasheet
206Kb / 4P
General Purpose Rectifier Applications
CRG03 TOSHIBA-CRG03 Datasheet
165Kb / 4P
General Purpose Rectifier Applications
logo
Guangdong Kexin Industr...
1N4001WS KEXIN-1N4001WS Datasheet
63Kb / 2P
General Purpose Rectifier Applications
logo
Toshiba Semiconductor
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
General Purpose Rectifier Applications
CRG09 TOSHIBA-CRG09 Datasheet
188Kb / 6P
General Purpose Rectifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com